Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5500 Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 17Page - WIZnet Co., Ltd W5500 Datasheet HTML 18Page - WIZnet Co., Ltd W5500 Datasheet HTML 19Page - WIZnet Co., Ltd W5500 Datasheet HTML 20Page - WIZnet Co., Ltd W5500 Datasheet HTML 21Page - WIZnet Co., Ltd W5500 Datasheet HTML 22Page - WIZnet Co., Ltd W5500 Datasheet HTML 23Page - WIZnet Co., Ltd W5500 Datasheet HTML 24Page - WIZnet Co., Ltd W5500 Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
W5500 Datasheet Version1.0.9
21 / 66
2.3.2
Read Access in VDM
Figure 11. Read SPI Frame in VDM mode
Figure 11 shows the SPI Frame when external host accesses W5500 for reading
In VDM mode, the RWB signal is ‘0’ (Write), OM[1:0] is ‘00’ in SPI Frame Control
Phase. At this time the External Host assert (High-to-Low) SCSn signal before
transmitting SPI Frame.
Then the Host transmits Address and Control Phase all bits to W5500 through MOSI
signal. All bits are synchronized with the falling edge of the SCLK.
Then the Host receives all bits of Data Phase with synchronizing the rising edge of
Sampling SCLK through MISO signal.
After finishing the Data Phase receive, the Host de-asserts SCSn signal (Low-to-
High).
When SCSn is Low and the Data Phase continues to receive, the Sequential Data
Read can be supported.
MOSI
MISO
SCSn
SCLK
33 34
32
35 36 37 38
39
...
8N + 16
8N + 24
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
8-bit Data 2
...
8-bit Data N
SCSn Should be remained low until SPI Frame Transmit & Receive done.
SPI Frame End
SCSn
MOSI
4
3
2
0
15
14
3
2
1
0
13
MISO
1
2
0
SCLK
12 13 14
15
16bits Offset Address
17 18
16
20 21 22 23
25 26
24
27 28
29 30 31
8-bit Data 1
MODE0
MODE3
19
1
7
6
5
4
3
2
1
0
BSB[4:0]
RWB
OM[1:0]
R 0 0
SCSn shoud be remained low until SPI Frame Transmit & Receive done.
SPI Frame Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com