Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5500 Datasheet(PDF) 39 Page - WIZnet Co., Ltd

Part # W5500
Description  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 Datasheet(HTML) 39 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 35Page - WIZnet Co., Ltd W5500 Datasheet HTML 36Page - WIZnet Co., Ltd W5500 Datasheet HTML 37Page - WIZnet Co., Ltd W5500 Datasheet HTML 38Page - WIZnet Co., Ltd W5500 Datasheet HTML 39Page - WIZnet Co., Ltd W5500 Datasheet HTML 40Page - WIZnet Co., Ltd W5500 Datasheet HTML 41Page - WIZnet Co., Ltd W5500 Datasheet HTML 42Page - WIZnet Co., Ltd W5500 Datasheet HTML 43Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
W5500 Datasheet Version1.0.9
39 / 66
the TCP packet is retransmitted. The retransmission is repeated as many as ‘RCR+1’.
Even after TCP retransmission is repeated as ‘RCR+1’ and there is no response to the
TCP retransmission, the final timeout is occurred and Sn_IR(TIMEOUT) becomes ‘1’.
The time of final timeout (TCPTO) of TCP retransmission is as below.
�������������������� = (∑(������������ × 2����) + ((������������ − ����) × ������������������������)
����
����=0
) × 0.1��������
N : Retransmission count, 0≤N ≤ M
M : Minimum value when RTR x 2(M+1) > 65535 and 0 ≤ M ≤ RCR
RTRMAX : RTR x 2M
Ex) When RTR = 2000(0x07D0), RCR = 8(0x0008),
ARPTO = 2000 X 0.1ms X 9 = 1800ms = 1.8s
TCPTO = (0x07D0+0x0FA0+0x1F40+0x3E80+0x7D00+0xFA00+0xFA00+0xFA00+0xFA00) X 0.1ms
= (2000 + 4000 + 8000 + 16000 + 32000 + ((8 - 4) X 64000)) X 0.1ms
= 318000 X 0.1ms = 31.8s
PTIMER (PPP Link Control Protocol Request Timer Register) [R/W] [0x001C] [0x0028]
PTIMER configures the time for sending LCP echo request. The unit of time is 25ms.
Ex) in case that PTIMER is 200,
200 * 25(ms) = 5000(ms) = 5 seconds
PMAGIC (PPP Link Control Protocol Magic number Register) [R/W] [0x001D] [0x00]
PMAGIC configures the 4bytes magic number to be used in LCP echo request.
Ex) PMAGIC = 0x01
0x001D
0x01
LCP Magic number = 0x01010101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com