Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP141WX3 Datasheet(PDF) 32 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Product Specification
31 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
APPENDIX A. Enhanced Extended Display Identification Data (EEDIDTM)
3/3
Byte
Value
(hex)
(hex)
6C
Flag
00
6D
Flag
00
6E
Flag
00
6F
Data Type Tag:
00
70
Flag
00
71
Flag
00
72
Flag
00
73
Flag
00
74
Flag
00
75
Flag
00
76
Flag
00
77
Flag
00
78
Flag
00
79
Number of LVDS receiver chips = ‘01’ or ‘02’
01
7A
BIST Enable: Yes = ‘01’ No = ‘00’
01
7B
(If <13 char, then terminate with ASCII code 0Ah, set remaining char = 20h)
0A
7C
(If <13 char, then terminate with ASCII code 0Ah, set remaining char = 20h)
20
7D
(If <13 char, then terminate with ASCII code 0Ah, set remaining char = 20h)
20
7E
Extension flag (# of optional 128 EDID extension blocks to follow, Typ = 0)
00
7F
Checksum (The 1-byte sum of all 128 bytes in this EDID block shall = 0)
7D
Field Name and Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com