Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP141WX3 Datasheet(PDF) 2 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 2 Page - LG Semicon Co.,Ltd.

  LP141WX3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Product Specification
1 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
SPECIFICATION
FOR
APPROVAL
14.1” WXGA TFT LCD
Title
MODEL
DELL
Customer
*When you obtain standard approval,
please use the above model name without suffix
LP141WX3
*MODEL
TLQ1
Suffix
LG Display Co., Ltd.
SUPPLIER
)
)
(
(
Final Specification
Preliminary Specification
Please return 1 copy for your confirmation with
your signature and comments.
/
/
/
SIGNATURE
APPROVED BY
Products Engineering Dept.
LG Display Co., Ltd
PREPARED BY
REVIEWED BY
SIGNATURE
APPROVED BY
◆
K. J. Kwon / G.Manager
S.R. Kim / Manager
K. T. Moon / Engineer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com