Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP141WX3 Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LP141WX3
Description  14.1??WXGA TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP141WX3 Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LP141WX3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP141WX3 Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Product Specification
20 / 31
LP141WX3
Liquid Crystal Display
Ver. 1.0
Apr. 23, 2008
[ DETAIL DESCRIPTION OF SIDE MOUNTING SCREW ]
Notes : 1. Screw plated through the method of non-electrolytic nickel plating is preferred
to reduce possibility that results in vertical and/or horizontal line defect due to
the conductive particles from screw surface.
* Mounting Screw Length (A)
= 2.0(Min) / 2.5(Max)
* Mounting Screw Hole Depth (B)
= 2.5(Min)
* Mounting hole location : 3.7(typ.)
* Torque : 2.5 kgf.cm(Max)
(Measurement gauge : torque meter)
* PPID Label Revision :
It is subject to change with Dell event. Please refer to the below table for detail.
A09
A29
A19
A09
9th Revision
…
…
…
…
…
…
A02
A01
A00
XB(MP)
…
X22
X21
X20
ST(CS)
…
X12
X11
X10
PT(ES)
SST(WS)
Classification
…
X02
X01
X00
…
2nd Revision
1st Revision
No Change
* PPID Label Revision
37 mm
78 mm
[ DETAIL INFORMATION OF PPID LABEL AND REVISION CODE ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com