Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS32B Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32B Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
®
AS7C3364PFS32B
AS7C3364PFS36B
12/10/04; v.1.4
Alliance Semiconductor
P. 11 of 19
Key to switching waveforms
Timing waveform of read cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low. BW[a:d] is don’t care.
don’t care
Falling input
Rising input
Undefined
CE1
tCYC
tCH
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tADVS
tOH
CLK
ADSP
ADSC
Address
GWE, BWE
CE0, CE2
ADV
OE
Dout
tCSS
tHZC
tCD
tWH
tADVH
tHZOE
tADSCS
tADSCH
LOAD NEW ADDRESS
ADV inserts wait states
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A1)
A2
A1
A3
tOE
tLZOE
tCSH
Read
Q(A1)
Suspend
Read
Q(A1)
Read
Q(A2)
Burst
Read
Q(A 2Ý01)
Read
Q(A3)
DSEL
Burst
Read
Q(A 2Ý10)
Suspend
Read
Q(A 2Ý10)
Burst
Read
Q(A 2Ý11)
Burst
Read
Q(A 3Ý01)
Burst
Read
Q(A 3Ý10)
Burst
Read
Q(A 3Ý11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com