Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS32B Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32B Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AS7C3364PFS32B
AS7C3364PFS36B
®
12/10/04; v.1.4
Alliance Semiconductor
P. 12 of 19
Timing waveform of write cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low.
tCYC
tCL
tADSPS
tADSPH
tADSCS
tADSCH
tAS
tAH
tWS
tWH
tCSS
tADVS
tDS
tDH
CLK
ADSP
ADSC
Address
BWE
CE0, CE2
ADV
OE
Din
tCSH
tADVH
D(A2Ý01)
D(A2Ý10)
D(A3)
D(A2)
D(A2Ý01)
D(A3Ý01)
D(A3Ý10)
D(A1)
D(A2Ý11)
ADV SUSPENDS BURST
ADSC LOADS NEW ADDRESS
A1
A2
A3
tCH
CE1
BW[a:d]
Read
Q(A1)
Sus-
pend
Write
D(A1)
Read
Q(A2)
Suspend
Write
D(A 2)
ADV
Burst
Write
D(A 2Ý01)
Suspend
Write
D(A 2Ý01)
ADV
Burst
Write
D(A 2Ý10)
Write
D(A 3)
Burst
Write
D(A 3Ý01)
ADV
Burst
Write
D(A 2Ý11)
ADV
Burst
Write
D(A 3Ý10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com