Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C3364PFS32B Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFS32B
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFS32B Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C3364PFS32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364PFS32B Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AS7C3364PFS32B
AS7C3364PFS36B
®
12/10/04; v.1.4
Alliance Semiconductor
P. 8 of 19
Absolute maximum ratings
Stresses greater than those listed under “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions may affect reliability.
Recommended operating conditions at 3.3V I/O
Recommended operating conditions at 2.5V I/O
Parameter
Symbol
Min
Max
Unit
Power supply voltage relative to GND
VDD, VDDQ
–0.5
+4.6
V
Input voltage relative to GND (input pins)
VIN
–0.5
VDD + 0.5
V
Input voltage relative to GND (I/O pins)
VIN
–0.5
VDDQ + 0.5
V
Power dissipation
Pd
–1.8
W
Short circuit output current
IOUT
–20
mA
Storage temperature
Tstg
–65
+150
oC
Temperature under bias
Tbias
–65
+135
oC
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
3.135
3.3
3.465
V
Ground supply
Vss
0
0
0
V
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
2.375
2.5
2.625
V
Ground supply
Vss
0
0
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com