Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

468MP Datasheet(PDF) 1 Page - 3M Electronics

Part # 468MP
Description  Adhesive Transfer Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

468MP Datasheet(HTML) 1 Page - 3M Electronics

  468MP Datasheet HTML 1Page - 3M Electronics 468MP Datasheet HTML 2Page - 3M Electronics 468MP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Adhesive Transfer Tapes
F
9473PC ∙ 468MP ∙ 467MP ∙
9665 ∙ 9485PC ∙ 950
Product Information
November 2007
Description
3MTM Adhesive Transfer Tapes consist of a layer of acrylic adhesive coated onto a silicone
paper release liner. The different formulations of adhesive lend specific properties to the
different tapes and can provide adhesion to a wide variety of surfaces under most conditions.
See below for description of individual tapes.
General
Features
• Excellent adhesion to most surfaces
• Flexible to conform to irregular surfaces
• Hand tearable
• High tack level offers high immediate adhesion
• Easily converted by die-cutting
• Excellent durability. Resistant to most solvents, high temperatures and to UV exposure
Physical Properties/Typical Performance Characteristics*
Tape
F9473PC
468MP
467MP
9665
9485PC
950
Adhesive
100MP
Acrylic
200MP
Acrylic
200MP
Acrylic
400
Acrylic
350
Acrylic
300
Acrylic
Liner
appearance
Brown paper
with green
3M VHB logo
Brown paper
with green 3M
468MP
Brown paper
with green
3M 467MP
Plain brown
coated paper
Plain brown
coated paper
Plain brown
paper
Liner
Thickness
0.107mm
0.107mm
0.107mm
0.
165mm
0.107mm
0.094mm
Tape
Colour
Clear
Clear
Clear
Clear
Clear
Clear
Adhesive
Thickness
0.25mm
0.127mm
0.051mm
0.051mm
0.127mm
0.127mm
Adhesion to
steel
160
N/100mm
146
N/100mm
84
N/100mm
27
N/100mm
164
N/100mm
107
N/100mm
Adhesion to
Polypropylene
NR
NR
NR
NR
87
N/100mm
60
N/100mm
Temperature
resistance
Min/Hours
Days/Weeks
2600C
1490C
2040C
1490C
2040C
1490C
1210C
820C
2320C
1490C
1210C
820C
UV Resistance
Excellent
Excellent
Excellent
Excellent
Excellent
Fair
Plasticiser
resistance
Good
Fair
Fair
NR
Fair
Fair
Solvent
Resistance
Excellent
Excellent
Excellent
Good
Very Good
Good
*Not recommended for specification purposes
NR
Not Recommended
Adhesion Test Method:
1800 Peel Adhesion: 72 hours room temperature dwell, Peel speed 305mm/min


Similar Part No. - 468MP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
468MP 3M-468MP Datasheet
3Mb / 6P
3M™ High Performance Acrylic Adhesive 200MP
468MPF 3M-468MPF Datasheet
3Mb / 6P
3M™ High Performance Acrylic Adhesive 200MP
More results

Similar Description - 468MP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
VHB™ Adhesive Transfer Tapes with Adhesive 100MP
Apr-2005
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
8805 3M-8805 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
Jul-2015
966 3M-966 Datasheet
199Kb / 8P
3M™ Adhesive Transfer Tape 966
Jun-2014
9453FL 3M-9453FL Datasheet
136Kb / 6P
3M™ Adhesive Transfer Tape 9453FL
Aug-2001
908 3M-908 Datasheet
34Kb / 2P
ATG Gold Adhesive Transfer Tape
Sep-2009
9380 3M-9380 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9379 3M-9379 Datasheet
348Kb / 5P
3M™ Adhesive Transfer Tapes with Specialty Acrylic Adhesive
Nov-2020
9626 3M-9626 Datasheet
35Kb / 4P
Adhesive Transfer Tape with Quick Bonding Adhesive 360
Nov-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com