Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

468MP Datasheet(PDF) 3 Page - 3M Electronics

Part # 468MP
Description  Adhesive Transfer Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

468MP Datasheet(HTML) 3 Page - 3M Electronics

  468MP Datasheet HTML 1Page - 3M Electronics 468MP Datasheet HTML 2Page - 3M Electronics 468MP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M New Zealand Ltd
Industrial Adhesives &Tapes
PO Box 33-246 Takapuna 1332
Phone: 0800
474 787
Fax: 0800 508 980
Email: 3mnz
ib1@mmm.com
www.3M.com/industrial
3
Testing
Always test the suitability of the product for your application before use.
Shelf life
Store in a dry location out of direct sunlight and away from all sources of heat. Ideal
conditions are 20
°C and 50% relative humidity. Use within 2 years from date of
manufacture.
Health and
Safety
Information
This product is an “article” and does not require a Material Safety Data Sheet. However
MSDSs have been produced for most articles and may be accessed by going to
www.3M.com/msds and entering the product number or 3M stock number. Alternatively,
contact 3M Customer Services.
Further
information
Further information is available at www.3M.com or by contacting 3M Customer Services on
Free Phone 0800
474 787 or Free Fax 0800 508 980.
Note
The user is responsible for determining whether the 3M product, surface preparation, and method of
assembly are suitable for their particular purpose. Failure to determine the suitability of all factors involved
in the application may result in bond failure.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com