Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

468MP Datasheet(PDF) 2 Page - 3M Electronics

Part # 468MP
Description  Adhesive Transfer Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

468MP Datasheet(HTML) 2 Page - 3M Electronics

  468MP Datasheet HTML 1Page - 3M Electronics 468MP Datasheet HTML 2Page - 3M Electronics 468MP Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F9473PC
3M™ VHB™ Adhesive Transfer Tape, F9473PC has excellent long term holding
power with much higher adhesion strength to metal than typical pressure
sensitive adhesives. F9473PC is ideal for use in many industrial applications on
high surface energy materials, to replace rivets, spot welds, liquid adhesives
and other permanent fasteners.
468MP/
467MP
3M Adhesive Transfer Tapes 468MP and 467MP are popular choices for graphic
attachment applications due to their excellent quality, consistency and
durability. In addition, 468MP and 467MP exhibit excellent clarity, high
temperature performance, solvent chemical and moisture resistance as well as
excellent shear and peel strength on high surface energy materials that
minimises edge lifting and slippage of parts. 468MP and 467MP provide some
repositionability when bonding to plastic parts (not metal) which allows graphics
to be lifted and repositioned if initial alignment is incorrect.
9665
3M Adhesive Transfer Tape
9665 is ideal for bonding together a wide variety of
similar and dissimilar materials such as metals, glass, wood, paints and many
high surface energy plastics.
9665 is particularly suitable for bonding papers and
is ‘acid free’ or pH neutral for long term mounting of prints and photographs
9485PC
3M Adhesive Transfer Tape 9485PC is a fibre reinforced adhesive which is ideal
for very high bond strength to most surfaces. 9485PC can withstand high
temperatures and is a good choice for applications requiring adhesion to both
high and low surface energy plastics, paints and powder coatings and slightly
oily metals.
Tape
Description/
Features
950
3M Adhesive Transfer Tape 950 is a medium firm pressure sensitive adhesive
that has very high initial adhesion and good shear holding power. 950 bonds to
a wide variety of surfaces including ‘difficult to stick to’ low surface energy
plastics like polyethylene and polypropylene.
Format
Available in 12.7mm, 19mm, 25.4mm, 38mm, 50.8mm and 305mm x 55m rolls
Custom width rolls are available upon request
Application
Technique
• Apply between 10˚C and 40˚C.
• Ensure surfaces to be bonded are clean, dry and well unified.
• Firm application pressure helps develop better adhesive contact and improves bond
strength.
• Converters of wide webs should refer to the Technical Bulletin “Lamination
Techniques for converters of Laminating Adhesives”
Application
Ideas
• Lamination of foams, fabrics and papers
• Web splicing for paper and corrugated board
• Attaching lightweight signs, nameplates and plaques
• Production of promotional signage or sample boards
• Graphics attachment
• Mounting prints and photographs
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com