Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-H/MF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2561FD-H/MF
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-H/MF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2561FD-H/MF Datasheet HTML 2Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 3Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 4Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 5Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 6Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 7Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 8Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 9Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP2561/2FD
DS20005284A-page 6
 2014 Microchip Technology Inc.
1.8
Typical Applications
In order to meet the EMC/EMI requirements, a
Common Mode Choke (CMC) might be required for
data rates greater than 1 Mbps.
FIGURE 1-1:
MCP2561FD WITH SPLIT PIN
FIGURE 1-2:
MCP2562FD WITH VIO PIN
5V LDO
VDD
VDD
TXD
RXD
STBY
CANTX
CANRX
RBX
VSS
VSS
PIC
®
MCU
SPLIT
CANH
CANL
4700 pF
0.1 μF
CANH
CANL
60
60
300
Optional(1)
VBAT
Note 1: Optional resistor to allow communication during bus failure (CANL shorted to ground).
1.8V LDO
VDD
VDD
TXD
RXD
STBY
CANTX
CANRX
RBX
VSS
Vss
PIC
®
MCU
CANH
CANL
5V LDO
VIO
0.1 μF
CANH
CANL
0.1 μF
120
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com