Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-H/MF Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP2561FD-H/MF
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-H/MF Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP2561FD-H/MF Datasheet HTML 6Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 7Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 8Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 9Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 10Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 11Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 12Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 13Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP2561/2FD
DS20005284A-page 10
 2014 Microchip Technology Inc.
CANH: Short Circuit
Output Current
IO(SC)
-120
85
—
mA
VTXD = VSS; VCANH = 0V;
CANL: floating
-100
—
—
mA
same as above, but
VDD=5V, TAMB = 25°C (Note 1)
CANL: Short Circuit
Output Current
—
75
+120
mA
VTXD = VSS; VCANL = 18V;
CANH: floating
—
—
+100
mA
same as above, but
VDD=5V, TAMB = 25°C (Note 1)
BUS LINE (CANH; CANL) RECEIVER
Recessive Differential
Input Voltage
VDIFF(R)(I)
-1.0
—
+0.5
V
Normal Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
-1.0
—
+0.4
Standby Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
Dominant Differential
Input Voltage
VDIFF(D)(I)
0.9
—
VDD
V
Normal Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
1.0
—
VDD
Standby Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
Differential
Receiver Threshold
VTH(DIFF)
0.5
0.7
0.9
V
Normal Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
0.4
—
1.15
Standby Mode;
-12V < V(CANH, CANL) < +12V;
See Figure 2-6 (Note 3)
Differential
Input Hysteresis
VHYS(DIFF)
50
—
200
mV
Normal mode, see Figure 2-6,
(Note 1)
Common Mode
Input Resistance
RIN
10
—
30
k
(Note 1)
Common Mode
Resistance Matching
RIN(M)
-1
0
+1
%
VCANH = VCANL, (Note 1)
Differential Input
Resistance
RIN(DIFF)
10
—
100
k
(Note 1)
Common Mode
Input Capacitance
CIN(CM)
—
—
20
pF
VTXD = VDD; (Note 1)
Differential
Input Capacitance
CIN(DIFF)
—
—
10
VTXD = VDD; (Note 1)
CANH, CANL:
Input Leakage
ILI
-5
—
+5
µA
VDD = VTXD = VSTBY = 0V.
For MCP2562FD, VIO = 0V.
VCANH = VCANL = 5 V.
2.3
DC Characteristics (Continued)
Electrical Characteristics: Extended (E): TAMB = -40°C to +125°C and High (H): TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.8V to 5.5V (Note 2), RL = 60
, CL = 100 pF; unless otherwise specified.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Characterized; not 100% tested.
2:
Only MCP2562FD has VIO pin. For the MCP2561FD, VIO is internally connected to VDD.
3:
-12V to 12V is ensured by characterization, tested from -2V to 7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com