Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561FD-H/MF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2561FD-H/MF
Description  High-Speed CAN Flexible Data Rate Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561FD-H/MF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2561FD-H/MF Datasheet HTML 3Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 4Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 5Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 6Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 7Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 8Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 9Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 10Page - Microchip Technology MCP2561FD-H/MF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2014 Microchip Technology Inc.
DS20005284A-page 7
MCP2561/2FD
2.0
ELECTRICAL
CHARACTERISTICS
2.1
Terms and Definitions
A number of terms are defined in ISO-11898 that are
used to describe the electrical characteristics of a CAN
transceiver device. These terms and definitions are
summarized in this section.
2.1.1
BUS VOLTAGE
VCANL and VCANH denote the voltages of the bus line
wires CANL and CANH relative to ground of each
individual CAN node.
2.1.2
COMMON MODE BUS VOLTAGE
RANGE
Boundary voltage levels of VCANL and VCANH with
respect to ground, for which proper operation will occur,
if up to the maximum number of CAN nodes are
connected to the bus.
2.1.3
DIFFERENTIAL INTERNAL
CAPACITANCE, CDIFF
(OF A CAN NODE)
Capacitance seen between CANL and CANH during
the Recessive state, when the CAN node is
disconnected from the bus (see Figure 2-1).
2.1.4
DIFFERENTIAL INTERNAL
RESISTANCE, RDIFF
(OF A CAN NODE)
Resistance seen between CANL and CANH during the
Recessive state when the CAN node is disconnected
from the bus (see Figure 2-1).
2.1.5
DIFFERENTIAL VOLTAGE, VDIFF
(OF CAN BUS)
Differential voltage of the two-wire CAN bus, value
VDIFF = VCANH – VCANL.
2.1.6
INTERNAL CAPACITANCE, CIN
(OF A CAN NODE)
Capacitance seen between CANL (or CANH) and
ground during the Recessive state, when the CAN
node is disconnected from the bus (see Figure 2-1).
2.1.7
INTERNAL RESISTANCE, RIN
(OF A CAN NODE)
Resistance seen between CANL (or CANH) and
ground during the Recessive state, when the CAN
node is disconnected from the bus (see Figure 2-1).
FIGURE 2-1:
PHYSICAL LAYER
DEFINITIONS
RIN
RIN
RDIFF
CIN
CIN
CDIFF
CANL
CANH
GROUND
ECU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com