Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 45 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 45 Page - ams AG

Back Button AS7265X Datasheet HTML 41Page - ams AG AS7265X Datasheet HTML 42Page - ams AG AS7265X Datasheet HTML 43Page - ams AG AS7265X Datasheet HTML 44Page - ams AG AS7265X Datasheet HTML 45Page - ams AG AS7265X Datasheet HTML 46Page - ams AG AS7265X Datasheet HTML 47Page - ams AG AS7265X Datasheet HTML 48Page - ams AG AS7265X Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
ams Datasheet
Page 45
[v1-04] 2018-Jul-09
Document Feedback
AS7265x − Detailed Description
ATBURST
R/W
Sends a number of
calibrated data
without separate
requests second
parameter for the
burst mode is
optionally format:
Send: ATBURST=10,0
or ATBURST=10
Read: ATBURST
≥
10,0 OK
DEC
BURST NUMBER:
0 - Burst mode is
deactivated
1-254 - Number of
burst transfers
255 - Send unlimited
bursts (stops with
ATBURST=0)
BURST MODE:
0 - Raw values
(default, like
ATDATA)
1 - Calibrated values
(like ATCDATA)
0
ATLED0
R/W
Enables or disables
the indication LED
DEC
0 - LED off
1 - LED on
1
ATLED1
R/W
Enables or disables
the driver LED
DEC
0 - LED off
1 - LED on
0
ATLED2
R/W
Enables or disables
the indication LED for
first I2C slave
DEC
0 - LED off
1 - LED on
1
ATLED3
R/W
Enables or disables
the driver LED for first
I2C slave
DEC
0 - LED off
1 - LED on
0
ATLED4
R/W
Enables or disables
the indication LED for
second I2C slave
DEC
0 - LED off
1 - LED on
1
ATLED5
R/W
Enables or disables
the driver LED for
second I2C slave
DEC
0 - LED off
1 - LED on
0
ATLEDC
R/W
Sets LED_IND and
LED_DRV current
(for master only)
HEX
[1...0] LED_IND:
b00=1mA;
b01=2mA;
b10=4mA; b11=8mA
[5...4] LED_DRV:
b00=12.5mA;
b01=25mA;
b10=50mA;
b11=100mA
0x00
Commands
Direction
Description
Format
Value Range
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com