Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 1 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 1 Page - ams AG

  AS7265X Datasheet HTML 1Page - ams AG AS7265X Datasheet HTML 2Page - ams AG AS7265X Datasheet HTML 3Page - ams AG AS7265X Datasheet HTML 4Page - ams AG AS7265X Datasheet HTML 5Page - ams AG AS7265X Datasheet HTML 6Page - ams AG AS7265X Datasheet HTML 7Page - ams AG AS7265X Datasheet HTML 8Page - ams AG AS7265X Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
ams Datasheet
Page 1
[v1-04] 2018-Jul-09
Document Feedback
AS7265x
Smart 18-Channel VIS to NIR Spectral_
ID 3-Sensor Chipset with Electronic
Shutter
The AS7265x chipset consists of three sensor devices AS72651
with master capability, AS72652 and AS72653. The multispec-
tral sensors can be used for spectral identification in a range
from visible to NIR. Every of the three sensor devices has 6 in-
dependent on-device optical filters whose spectral response is
defined in a range from 410nm to 940nm with FWHM of 20nm.
The AS72651, combined with the AS72652 (spectral response
from 560nm to 940nm) and the AS72653 (spectral response
from 410nm to 535nm) form an AS7265x 18-channel
multi-spectral sensor chip-set. Using the AS7265x chipset
requires the use of firmware. It must be loaded into a serial flash
via a UART interface. The list of ams tested serial flash memories
can be found in Figure 56. The components AS72651, AS72652
and AS72653 are pre-calibrated with a specific light source. The
information about the conditions of the performed calibration
(for example light source, gain, integration time) can be found
in the table of optical characteristics of the respective compo-
nent. Any operation other than these conditions might require
a new calibration in the application.
Each AS7265x device has two integrated LED drivers with
programmable current and can be timed for electronic shutter
applications.
The device family integrates Gaussian filters into standard
CMOS silicon via nano-optic deposited interference filter tech-
nology in LGA packages that also provide built-in apertures to
control the light entering the sensor array.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7265x, Smart 18-Channel VIS to
NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter are
listed below:
General Description


Similar Part No. - AS7265X

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7265X OSRAM-AS7265X Datasheet
1Mb / 64P
Smart 18-Channel VIS to NIR Spectral_ ID 3-Sensor Chipset with Electronic Shutter
v1-04 2018-Jul-09
logo
ams-OSRAM AG
AS7265X AMSOSRAM-AS7265X Datasheet
1Mb / 64P
Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
2018-Jul-09
More results

Similar Description - AS7265X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6244X INFINEON-TLE6244X Datasheet
721Kb / 70P
18 Channel Smart Lowside Switch
V4.2, 2003-08-29
logo
Hamamatsu Corporation
S11155-2048 HAMAMATSU-S11155-2048 Datasheet
427Kb / 8P
Back-thinned CCD image sensors with electronic shutter function
logo
Infineon Technologies A...
TLE8718SA INFINEON-TLE8718SA Datasheet
2Mb / 82P
Smart 18-Channel Lowside Switch with Micro Second Bus
Rev. 1.1, 2012-07-31
logo
ams AG
AS7261N AMSCO-AS7261N Datasheet
1Mb / 42P
XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
AS72651 AMSCO-AS72651 Datasheet
956Kb / 66P
Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
AS7421 AMSCO-AS7421 Datasheet
2Mb / 53P
64-Channel Hyperspectral NIR Sensor
v1-00 / 2022-Aug-25
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
MIRA220 AMSCO-MIRA220 Datasheet
629Kb / 9P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v2-00 2022-Oct-06
MIRA050 AMSCO-MIRA050 Datasheet
474Kb / 10P
1/7” Compact 0.5 MP NIR Enhanced Global Shutter Image
v1-01 2022-Dec-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com