Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7265X Datasheet(PDF) 46 Page - ams AG

Part # AS7265X
Description  Smart 18-Channel VIS to NIR Spectral_ID 3-Sensor Chipset with Electronic Shutter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7265X Datasheet(HTML) 46 Page - ams AG

Back Button AS7265X Datasheet HTML 42Page - ams AG AS7265X Datasheet HTML 43Page - ams AG AS7265X Datasheet HTML 44Page - ams AG AS7265X Datasheet HTML 45Page - ams AG AS7265X Datasheet HTML 46Page - ams AG AS7265X Datasheet HTML 47Page - ams AG AS7265X Datasheet HTML 48Page - ams AG AS7265X Datasheet HTML 49Page - ams AG AS7265X Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-04] 2018-Jul-09
AS7265x − Detailed Description
ATLEDD
R/W
Sets LED_IND and
LED_DRV current for
first I2C slave
HEX
[1...0] LED_IND:
b00=1mA;
b01=2mA;
b10=4mA; b11=8mA
[5...4] LED_DRV:
b00=12.5mA;
b01=25mA;
b10=50mA;
b11=100mA
0x00
ATLEDE
R/W
Sets LED_IND and
LED_DRV current for
second I2C slave
HEX
[1...0] LED_IND:
b00=1mA;
b01=2mA;
b10=4mA; b11=8mA
[5...4] LED_DRV:
b00=12.5mA;
b01=25mA;
b10=50mA;
b11=100mA
0x00
ATFRST
W
Factory Reset. Stored
values are reset to
‘Factory’ defaults.
Afterwards a software
reset is started.
--
-
ATSRST
W
Software reset
-
-
-
Calibration Values
ATSCLx
R/W
Read/Write scalar for
the raw values
(x=0...17)
DEC
p2ram
value
Firmware Update
ATFWU
W
Starts firmware
update process and
transfer the bin file
checksum
--
-
ATFW
W
Download new
firmware.
Up to 7 bytes of FW
image at a time (14
hex bytes with no
leading or trailing 0x).
Repeat command till
all 56kBytes of
firmware are
downloaded
-
HEX STRING
(without 0x), max. 7
bytes
-
Commands
Direction
Description
Format
Value Range
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com