Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RKLA3 Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RKLA3 Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RKLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 19Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
15
Rev. A12
08/04/2020
5.2 SERIAL FLASH DISCOVERABLE PARAMETERS
The Serial Flash Discoverable Parameters (SFDP) standard defines the structure of the SFDP database within the
memory device. SFDP is the standard of JEDEC JESD216.
The JEDEC-defined header with Parameter ID FF00h and related Basic Parameter Table is mandatory. Additional
parameter headers and tables are optional.
Table 5.2 Signature and Parameter Identification Data Values
Description
Address
(Byte)
Address
(Bit)
Data
SFDP Signature
00h
7:0
53h
01h
15:8
46h
02h
23:16
44h
03h
31:24
50h
SFDP Revision
Minor
04h
7:0
06h
Major
05h
15:8
01h
Number of Parameter Headers (NPH)
06h
23:16
00h
Unused
07h
31:24
FFh
Parameter ID LSB
08h
7:0
00h
Parameter Minor Revision
09h
15:8
06h
Parameter Major Revision
0Ah
23:16
01h
Parameter Table Length (in DWPRDs)
0Bh
31:24
10h
Basic Flash Parameter Table Pointer (PTP)
0Ch
7:0
30h
0Dh
15:8
00h
0Eh
23:16
00h
Parameter ID MSB
0Fh
31:24
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com