Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RKLA3 Datasheet(PDF) 52 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RKLA3 Datasheet(HTML) 52 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RKLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 56Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
52
Rev. A12
08/04/2020
8.11 SECTOR ERASE OPERATION (SER, D7h/20h)
A Sector Erase (SER) instruction erases a 4 Kbyte sector before the execution of a SER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL bit is automatically reset after
the completion of Sector Erase operation.
A SER instruction is entered, after CE# is pulled low to select the device and stays low during the entire instruction
sequence The SER instruction code, and three address bytes are input via SI. Erase operation will start immediately
after CE# is pulled high. The internal control logic automatically handles the erase voltage and timing.
The progress or completion of the erase operation can be determined by reading the WIP bit in the Status Register
using a RDSR instruction.
If the WIP bit is “1”, the erase operation is still in progress. If the WIP bit is “0”, the erase operation has been
completed.
Figure 8.14 Sector Erase Sequence in SPI mode
Instruction = D7h/20h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0
Figure 8.15 Sector Erase Sequence In QPI Mode
D7h/20h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
Mode 3
Mode 0
23:20 19:16 15:12 11:8
7:4
3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com