Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RKLA3 Datasheet(PDF) 50 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RKLA3 Datasheet(HTML) 50 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RKLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP032D-RKLA3 Datasheet HTML 54Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
50
Rev. A12
08/04/2020
8.9 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h)
The Quad Input Page Program instruction allows up to 256 bytes data to be programmed into memory in a single
operation with four pins (IO0, IO1, IO2 and IO3). The destination of the memory to be programmed must be outside
the protected memory area set by the Block Protection (BP3, BP2, BP1, BP0) bits. A Quad Input Page Program
instruction which attempts to program into a page that is write-protected will be ignored.
Before the execution of Quad Input Page Program instruction, the QE bit in the Status Register
must be set to “1”
and the Write Enable Latch (WEL) must be enabled through a Write Enable (WREN) instruction.
Program operation will start immediately after the CE# is brought high, otherwise the Quad Input Page Program
instruction will not be executed. The internal control logic automatically handles the programming voltages and
timing. The progress or completion of the program operation can be determined by reading the WIP bit in Status
Register via a RDSR instruction. If the WIP bit is “1”, the program operation is still in progress. If WIP bit is “0”, the
program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously
latched data are discarded, and the last 256 bytes data are kept to be programmed into the page. The starting byte
can be anywhere within the page. When the end of the page is reached, the address will wrap around to the
beginning of the same page. If the data to be programmed are less than a full page, the data of all other bytes on
the same page will remain unchanged.
Note: A program operation can
alter “1”s into “0”s. The same byte location or page may be programmed more than
once, to incrementally change
“1”s to “0”s. An erase operation is required to change “0”s to “1”s.
Figure 8.13 Quad Input Page Program Sequence
Instruction = 32h/38h
23
CE #
SCK
4
0
4
0
3-byte Address
High Impedance
22
...
0
0
1
2
3
4
5
6
7
8
9
31
32
33
34
35
Mode 3
Mode 0
IO0
IO1
5
1
5
1
6
2
6
2
7
3
7
3
Data In 2
IO2
IO3
...
Data In 1
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com