Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RKLA3 Datasheet(PDF) 100 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RKLA3 Datasheet(HTML) 100 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RKLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 104Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
100
Rev. A12
08/04/2020
9.3 DC CHARACTERISTICS
(Under operating range)
Symbol
Parameter
Condition
Min
Typ(2)
Max
Units
ICC1
VCC Active Read current
(3)
NORD at 50MHz,
4
12
mA
FRD Single at 133MHz
6
14
FRD Dual at 133MHz
8
15
FRD Quad at 133MHz
10
17
FRD Quad at 84MHz
8
15
FRD Quad at 104MHz
9
16
FRD Single DTR at 66MHz
6
14
FRD Dual DTR at 66MHz
8
15
FRD Quad DTR at 66MHz
10
17
ICC2
VCC Program Current
CE# = VCC
85°C
22
25
mA
105°C
25
125°C
25
ICC3
VCC WRSR Current
CE# = VCC
85°C
22
25
105°C
25
125°C
25
ICC4
VCC Erase Current
(SER/BER32/BER64)
CE# = VCC
85°C
22
25
105°C
25
125°C
25
ICC5
VCC Erase Current (CE)
CE# = VCC
85°C
22
25
105°C
25
125°C
25
ISB1
VCC Standby Current CMOS
CE# = VCC,
VIN = GND or VCC
(4)
85°C
10
22 (6)
µA
105°C
28 (6)
125°C
45
ISB2
Deep power down
current
IS25LP
CE# = VCC,
VIN = GND or VCC
(4)
85°C
8
12(6)
µA
105°C
18(6)
125°C
25
IS25WP
85°C
1
5(6)
105°C
10(6)
125°C
15
ILI
Input Leakage Current
VIN = 0V to VCC
±1(5)
µA
ILO
Output Leakage Current
VIN = 0V to VCC
±1(5)
µA
VIL(1)
Input Low Voltage
-0.5
0.3VCC
V
VIH(1)
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
V
VOH
Output High Voltage
IOH = -100 µA
VCC - 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com