Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RKLA3 Datasheet(PDF) 19 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RKLA3 Datasheet(HTML) 19 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RKLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 23Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
19
Rev. A12
08/04/2020
Table 5.3 JEDEC
Basic Flash Parameter Table (Continued)
Description
Address
(Byte)
Address
(Bit)
Data
Exit Deep Power-down to next operation delay
3V
67h:65h
12:8
00010b
1.8V
00100b
Exit Deep Power-down to next operation delay Units
14:13
01b
Exit Deep Power-down Instruction
22:15
ABh
Enter Deep Power-down Instruction
30:23
B9h
Deep Power-down Supported
31
0b
4-4-4 mode disable sequences (QPIDI)
69h:68h
3:0
1010b
4-4-4 mode enable sequences (QPIEN)
8:4
00100b
0-4-4 Mode Supported
9
1b
0-4-4 Mode Exit Method
15:10
110000b
0-4-4 Mode Entry Method:
6Ah
19:16
1100b
Quad Enable Requirements (QER)
22:20
010b
Hold or RESET Disable
23
0b
Reserved
6Bh
31:24
FFh
Volatile or Non-Volatile Register and Write Enable (WREN)
Instruction for Status Register 1
6Ch
6:0
1100001b
Reserved
7
1b
Soft Reset and Rescue Sequence Support
6Eh:6Dh
13:8
110000b
Exit 4-Byte Addressing
23:14
110000000
0b
Enter 4-Byte Addressing
6Fh
31:24
10000000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com