Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25WP032D-RKLA3 Datasheet(PDF) 29 Page - Integrated Silicon Solution, Inc

Part # IS25WP032D-RKLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WP032D-RKLA3 Datasheet(HTML) 29 Page - Integrated Silicon Solution, Inc

Back Button IS25WP032D-RKLA3 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25WP032D-RKLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
29
Rev. A12
08/04/2020
6.4 AUTOBOOT REGISTER
AutoBoot Register Bit (32 bits) Definitions are described in Table 6.15.
Table 6.16 AutoBoot Register Parameter Bit Table
Bits
Symbols
Function
Type
Default
Value
Description
AB[31:24]
ABSA
Reserved
Reserved
00h
Reserved for future use
AB[23:5]
ABSA
AutoBoot Start
Address
Non-
Volatile
00000h
32 byte boundary address for the start of boot code
access
AB[4:1]
ABSD
AutoBoot Start
Delay
Non-
Volatile
0h
Number of initial delay cycles between CE# going
low and the first bit of boot code being transferred,
and it is the same as dummy cycles of FRD (QE=0)
or FRQIO (QE=1).
Example: The number of initial delay cycles is 8
(QE=0) or 6 (QE=1) when AB[4:1]=0h (Default
setting).
AB0
ABE
AutoBoot
Enable
Non-
Volatile
0
1 = AutoBoot is enabled
0 = AutoBoot is not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com