Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6D11 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6D11
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6D11 Datasheet HTML 17Page - Microchip Technology MCP6D11 Datasheet HTML 18Page - Microchip Technology MCP6D11 Datasheet HTML 19Page - Microchip Technology MCP6D11 Datasheet HTML 20Page - Microchip Technology MCP6D11 Datasheet HTML 21Page - Microchip Technology MCP6D11 Datasheet HTML 22Page - Microchip Technology MCP6D11 Datasheet HTML 23Page - Microchip Technology MCP6D11 Datasheet HTML 24Page - Microchip Technology MCP6D11 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
 2019 Microchip Technology Inc.
DS20006162A-page 21
MCP6D11
Note: Unless otherwise indicated, TA =25°C, VDD -VSS = 2.5V to 5.5V, VOCM = open, VICM = mid-supply, PD\ = VDD,
single-ended input, 50
 input match, G = 1V/V, RF =RG =1 kCL = 0 pF and RL =1 k between the differential
outputs.
FIGURE 3-54:
Input Offset Voltage vs. Input
Common-Mode Voltage.
FIGURE 3-55:
Input Bias Current vs. Input
Common-Mode Voltage.
FIGURE 3-56:
Input Offset Current vs. Input
Common-mode Voltage.
FIGURE 3-57:
Input Offset Current Histogram,
VDD =2.5V.
FIGURE 3-58:
Input Offset Current Histogram,
VDD =5.5V.
FIGURE 3-59:
Input Offset Current Drift
Histogram.
-150
-100
-50
0
50
100
150
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
Input Common-mode Voltage (V)
V
DD = 5.5V
Specified Min./Max.Range
over Temperature
Representative Part
+125
qC
+85
qC
+25
qC
-40
qC
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Common-mode Voltage (V)
V
DD = 5.5V
+125
qC
+25
qC
-40
qC
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Common-mode Voltage (V)
V
DD = 5.5V
+125
qC
+25
qC
-40
qC
0
50
100
150
200
250
300
Input Offset Current Drift (nA/
qqC)
608 Samples
QFN-16 package
V
DD = 2.5V
V
DD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com