Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6D11 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP6D11
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP6D11 Datasheet HTML 36Page - Microchip Technology MCP6D11 Datasheet HTML 37Page - Microchip Technology MCP6D11 Datasheet HTML 38Page - Microchip Technology MCP6D11 Datasheet HTML 39Page - Microchip Technology MCP6D11 Datasheet HTML 40Page - Microchip Technology MCP6D11 Datasheet HTML 41Page - Microchip Technology MCP6D11 Datasheet HTML 42Page - Microchip Technology MCP6D11 Datasheet HTML 43Page - Microchip Technology MCP6D11 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
MCP6D11
DS20006162A-page 40
 2019 Microchip Technology Inc.
EQUATION 5-8:
The noise contribution from resistors RG1, RF1, RG2
and RF2 can be calculated based on the Johnson noise
equation: enR = √4kTR, where k is Boltzmann's
constant (1.38065 x 10-23J/K), T is the resistor's
absolute temperature in Kelvin, and R is the resistor
value in ohms (
).
By using the noise gain (GN =1+RF/RG) the two
resistor noise terms can be combined into a single term
of (4kTRFGN) resulting in a much simplified equation
for the amplifier's differential output noise:
EQUATION 5-9:
The first term of Equation 5-9 is the differential input
noise times the noise gain. The second term is the
input current noise times the feedback resistor - twice,
since there are two uncorrelated current noise terms.
The last term is the output noise resulting from both the
RF and RG resistors, at again twice the value for the
output noise power of each side added together.
The input referred noise of the MCP6D11 can be
equated to that of a 1.6 k
 resistor. The recommended
value for the feedback resistor RF is 1k, which results
in the total output referred noise to be dominated by the
amplifier's voltage noise. While there is flexibility in
selecting different values for RF (and similarly for RG),
lowering the feedback resistor value in order to lower
its noise contribution will increase the amplifier's total
output load and eventually result in an increase in
distortion. Scaling the resistor value up will have the
opposite effect of potentially improving distortion at the
expense of higher noise contribution. However,
because the feedback resistor interacts with the
amplifier's input capacitance large values can lead to a
noticeable reduction in phase margin and cause
stability issues. A typical approach is to start with the
recommended feedback resistor value and set the
desired gain by scaling the gain resistor (RG)
accordingly; Table 5-2 shows some example resistor
values and corresponding noise results.
5.2.2
FACTORS AFFECTING HARMONIC
DISTORTION
In general, an amplifier's output harmonic distortion
mainly relates to the open loop linearity in the output
stage corrected by the loop gain at the fundamental
frequency. Reducing the total load impedance,
including the effect of the feedback resistor as
discussed previously, the output stage open loop
linearity degrades, causing an increase in harmonic
distortion. Secondly, harmonic distortion will degrade
as a function of the amplifier's output swing due to fine
scale open loop output stage nonlinearities. A nominal
swing of 2Vpp is typically used for harmonic distortion
testing where Figure 3-29 illustrates the effect of going
up to an 8Vpp differential swing that is more common
with SAR-type ADC converters. An increase in the
amplifiers' gain correspondingly reduces the available
loop gain to correct errors resulting in an increase in
harmonic distortion terms.
The MCP6D11 has a nearly constant distortion level
when the VOCM operating point is moved within the
allowed range; see Figure 3-30 and Figure 3-31.
Driving the VOCM voltage beyond this range or the
output voltages close to the supply rails will rapidly
degrade the distortion performance.
The device characterization used primarily resistors
with a 1% tolerance. The resulting imbalance of the
feedback factors does not directly degrade the
distortion performance of the amplifier, but rather DC
related
errors
(see
section
Section 5.1.3
“Mismatches and DC Errors”).
eno
eni 1
RF
RG
--------
+


 2
2inRF

2
24kTRG
RF
RG
--------


 2
24kTRF

2
++
+
=
Where: 4kT = 1.64-20J at 298K (25°C)
eno
eniGN

2
2inRF

2
24kTRFGN

++
=
TABLE 5-2:
EXAMPLE OUTPUT NOISE RESULTS FOR THE SINGLE-ENDED INPUT
CONFIGURATION WITH 50
 INPUT MATCHING PER Figure 5-4
Ideal Gain
(V/V)
Act. Gain
(V/V)
RF1, RF2
(
)
RG1
(
)
RT1
(
)
RG2
(
)
ZIN
(
)
Diff-Out Noise
eno (nV/√Hz)
Noise RTI
(nV/√Hz)
1
0.997
1000
1000
52.3
1020
50.3
12.90
12.90
2
1.988
1020
499
52.3
523
48.9
18.02
9.06
5
5.057
1000
187
59.0
215
50.2
31.99
6.33
10
10.009
1020
88.7
68.1
118
50.6
52.60
5.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com