Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6D11 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP6D11
Description  Low-Noise, Precision, 90 MHz Differential I/O Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6D11 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP6D11 Datasheet HTML 32Page - Microchip Technology MCP6D11 Datasheet HTML 33Page - Microchip Technology MCP6D11 Datasheet HTML 34Page - Microchip Technology MCP6D11 Datasheet HTML 35Page - Microchip Technology MCP6D11 Datasheet HTML 36Page - Microchip Technology MCP6D11 Datasheet HTML 37Page - Microchip Technology MCP6D11 Datasheet HTML 38Page - Microchip Technology MCP6D11 Datasheet HTML 39Page - Microchip Technology MCP6D11 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MCP6D11
DS20006162A-page 36
 2019 Microchip Technology Inc.
FIGURE 5-2:
Differential I/O Amplifier in Differential Configuration with Input Termination.
The DC biasing levels are determined as described in
Section 4.2 “Terminology and Definitions”. For a
true differential input, the common-mode voltages on
the summing junction inputs of the amplifier remain
fixed and do not move with the input signal (unlike the
single-ended input configurations where the input com-
mon-mode voltages do vary with the input signal). For
the AC coupled configuration the VOCM voltage also is
the input biasing voltage since there is no DC current
path through the feedback and gain resistors. In either
case, setting the VOCM voltage to a mid-supply value,
which is the default value if this pin is not externally
driven, assures symmetry and therefore maximizes the
achievable output swing.
5.1.2
INTERFACING TO A
SINGLE-ENDED SOURCE
If the source is single-ended and referenced to ground,
the differential I/O amplifier can be used to convert a
single-ended input signal into a differential output
signal while also providing a DC level shift; Figure 5-3
shows the basic circuit for this configuration. Again, VS
is the input source with the associated source
impedance ZSource =RS.
FIGURE 5-3:
Differential I/O Amplifier Driven by a Single-Ended Source with DC-Coupling.
+
-
+
-
MCP6D11
RF1
RF2
RG2
RG1
VIN-
VIN+
VOCM
VOUT+
VOUT-
VSDiff
RS1
ZIN_Amp
RS2
RT
+
-
+
-
MCP6D11
RF1
RF2
RG2
RG1
VIN-
VIN+
VOCM
VOUT+
VOUT-
VS
RS
ZSource
ZIN_Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com