Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2PDH Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # COM-2PDH
Description  Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PDH Datasheet(HTML) 1 Page - Contec Co., Ltd

  COM-2PDH Datasheet HTML 1Page - Contec Co., Ltd COM-2PDH Datasheet HTML 2Page - Contec Co., Ltd COM-2PDH Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.10
COM-2PD(LPCI)H
1
Isolated RS-422A/485 2ch Serial I/O Board
for Low Profile PCI
COM-2PD(LPCI)H
* Specifications, color and design of the products are subject to
change without notice.
This product is a low profile sized PCI bus-supported board
designed
for
extending
RS-422A/485
compatible
serial
communication functionality on your PC.
This product has two RS-422A/485 communication ports.
Higher noise-resistant models with isolation between a PC and
bus line as well as a surge protection circuit for communication
ports.
With a 128byte built-in FIFO buffer for transmission and
reception of each channel, the product supports a baud rate of
up to 921,600bps.
It also comes with a Windows/Linux driver, which allows boards
to be used as OS-standard COM ports.
This
product
supports
CONTEC-defined
driver
library
“API-PAC(W32)” that provide local routines.
Max. 921,600bps RS-422A/485 Serial Communication
This product has two RS-422A/485-standard serial ports.
Baud rates from 2 to 921,600bps can be set.
When using the
bundled “Standard COM Driver Software” and “Driver library
API-PAC(W32)”, baud rates from 15 to 921,600bps can be set.
Possibly used as Windows, Linux-standard COM ports,
using the bundled driver library
Comes with a driver software that allows the products to be
used under Windows / Linux in the same way as COM ports on
the
PC.
Under
Windows,
the
product
supports
the
OS-standard Win32 API communication function as well as
Visual Basic MSComm.
Under Linux, OS-standard tty driver’s
standard-function can be used.
In addition, supplies a
diagnostic program to confirm hardware operation and to
perform a communication test with equipment.
Isolation between channels and between PCs, surge
protection for all signal lines
The channels are electrically isolated from each other and from
the PC.
As isolation is provided between channels as well as isolation
of the bus, this prevents electrical noise between channels as
well as between the PC and external circuits.
As surge
protection is provided on all signal lines, you can safely use the
boards in environments where you are concerned about surges
causing incorrect operation or damage to the PC.
Max. 16 boards can be installed as configured in the range
COM1 - COM256.
Up to 16 boards can be mounted on a single PC.
COM1 - COM256 can be set using the device manager.
Each channel is equipped with separate 128-byte FIFO
buffers for transmit and receive.
Employed a buffer memory 128-byte dedicated to transmission
and 128-byte for each channel.
These are FIFO format, useful for high speed communications
and to reduce the load to the CPU when transmitting/receiving.
As the device manager can be used to enable/disable the use
of FIFO and set the FIFO trigger size, you can build an
optimum system according to your use.
Support for Low Profile size slot / standard size slot
Bundled with each bracket for Low Profile size slot / standard
size slot.
Exchanges it for the standard size bracket when
mounting on the standard size slot.
To suit your application, cables and connectors are
available as optional
Distribution cable for 2channels and 44-pin D-SUB connectors
(male type) for your own cables are available as optional.
The control line for RS-422A/485 can be controlled and
monitored by software.
The control lines for RTS+, RTS-, CTS+ and CTS- can be
controlled and monitored using software.
Driver library API-PAC(W32) is supported.
API-PAC(W32) is library software based on Win32 API routines
(DLL), which provides local routines specific to CONTEC.
You
can
create
high-speed
application
software
taking
advantage
of
the
CONTEC
hardware
using
various
programming languages that support Win32 API functions,
such as Visual Basic and Visual C++.
Features


Similar Part No. - COM-2PDH

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-2PD-LPE CONTEC-COM-2PD-LPE Datasheet
300Kb / 4P
RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2PD-PE CONTEC-COM-2PD-PE Datasheet
335Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
More results

Similar Description - COM-2PDH

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-1PDH-LPE CONTEC-COM-1PDH-LPE Datasheet
287Kb / 3P
RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2C-PE CONTEC-COM-2C-PE Datasheet
235Kb / 3P
RS-232C Serial I/O Board for PCI Express 2ch
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
COM-2PC-PE CONTEC-COM-2PC-PE Datasheet
291Kb / 3P
RS-232C Isolated Serial I/O Board for PCI Express 2ch
COM-2PD-LPE CONTEC-COM-2PD-LPE Datasheet
300Kb / 4P
RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2PD-PE CONTEC-COM-2PD-PE Datasheet
335Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
COM-4PD-PE CONTEC-COM-4PD-PE Datasheet
386Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com