Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2PDH Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-2PDH
Description  Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PDH Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-2PDH Datasheet HTML 1Page - Contec Co., Ltd COM-2PDH Datasheet HTML 2Page - Contec Co., Ltd COM-2PDH Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.10
COM-2PD(LPCI)H
3
Board [COM-2PD(LPCI)H] …1
First step guide … 1
COM Setup Disk *1 (CD-ROM) …1
Bracket for PCI …1
*1
The CD-ROM contains the driver software and User’s Guide.
This chapter describes the interface connectors on the board.
Check the information available here when connecting an
external device.
In addition to connecting directly to the connector on the board,
you can also connect external devices via a distribution cable
or distribution unit.
Connecting directly to the port connector
Using a distribution cable
Using the 9-pin D-SUB Connector Conversion Cables
Use a PCE44/9P2S connection conversion cable (purchased
separately) to connect to external devices after dividing into
two 9-pin D-SUB male connector channels.
Specification of “PCE44/9P2S”
- Connector used
44-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
TxD1-
TxD1+
RTS1-
RTS1+
SG1
9
8
7
6
RxD1-
RxD1+
CTS 1+
CTS 1-
5
4
3
2
1
CH1
TxD2-
TxD2+
RTS2-
RTS2+
SG2
9
8
7
6
RxD2-
RxD2+
CTS 2+
CTS 2-
5
4
3
2
1
CH2
CH1
CH2
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
Connection conversion (Option)
Connection Conversion Cable
(44M
→9M x 2, 250mm)
PCE44/9P2S
CAUTION
The SG lines for CH1 – CH2 of the option cable are not
connected to the cable shielding.
However, the frame of
each connector is connected to the shielding.
This means
that the cable shielding is connected to the body of the PC
via the frame of the interface connector.
Note that the option cable is not a twisted-pair cable.
Connecting it directly from the on-board connector
If connecting an external device directly from the connector on
the board, use an optional connector CN5-D44M for creating
your own cables.
Pin Assignment
44
31
15
1
30
16
Screw nut: UNC#4-40(inch screw)
- Connector used
44-pin D-SUB, female connector
103A-44FGTBBB3(mfd. by COXOC)equivalent
- Applicable connector
101A-44MGTAAA3(mfd. by COXOC, Male)
CN5-D44M (mfd. by CONTEC, Male) (Five connector set)
Pin No.
Signal name
Pin No.
Signal name
Pin No.
Signal name
44
SG1
30
CTS1-
15
RxD1+
43
RTS1-
29
RTS1+
14
RxD1-
42
TxD1-
28
CTS1+
13
TxD1+
41
N.C.
27
N.C.
12
N.C.
40
SG2
26
CTS2-
11
RxD2+
39
RTS2-
25
RTS2+
10
RxD2-
38
TxD2-
24
CTS2+
9
TxD2+
37
N.C.
23
N.C.
8
N.C.
36
N.C.
22
N.C.
7
N.C.
35
N.C.
21
N.C.
6
N.C.
34
N.C.
20
N.C.
5
N.C.
33
N.C.
19
N.C.
4
N.C.
32
N.C.
18
N.C.
3
N.C.
31
N.C.
17
N.C.
2
N.C.
CN1
15
30
44
31 16 1
---------
16
N.C.
1
N.C.
The figures below show examples of how to connect the cable
for the board.
The RS-422A/485 interface works based on a differential signal
whereby the signal is carried by the potential difference
between two lines (+ and -).
Using twisted pair cable is
recommended to improve resistance to noise.
Example Connection RTS and CTS to a External Device in
Full Duplex
RTS-
RxD-
TxD-
TxD+
RxD+
RTS+
CTS+
CTS-
SG
RTS-
RxD-
TxD-
TxD+
RxD+
RTS+
CTS+
CTS-
SG
External device
Example Connection Oneself loop to RTS and CTS in Full
Duplex
External device
RxD-
TxD-
TxD+
RxD+
SG
RxD-
TxD-
TxD+
RxD+
SG
Example Connection in Half Duplex
External device
TxD-
TxD+
SG
TxD-
TxD+
SG
CAUTION
If connecting between external devices and this board with
faulty wiring, it will become the cause of failure.
Packing List
External Connection
Types of Cable and Example Connections



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com