Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2PDH Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-2PDH
Description  Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PDH Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-2PDH Datasheet HTML 1Page - Contec Co., Ltd COM-2PDH Datasheet HTML 2Page - Contec Co., Ltd COM-2PDH Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.10
COM-2PD(LPCI)H
2
Item
Specification
Number of channels
2ch
Interface type
RS-422A/RS-485
Isolation specification
Isolation between channel, Bus isolation
Isolation pressure
proof
Between channel : 300VDC, Between bus : 300VDC
Transfer method
Asynchronous serial transfer (Full-duplex / half-duplex)
Baud rate
2 - 921,600bps
*1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Loading LSI
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO
buffers.)
Connecting distance
Within 1200m *3
Interrupt requests
1 level use *4
I/O address
Any 32-byte boundary
Power consumption
5VDC
Terminal OFF : 300mA (Max.) / Terminal ON : 550mA (Max.)
Operating
temperature
0 - 50°C, 10 - 90%RH(No condensation)
PCI bus specification
32bit, 33MHz, Universal key shapes supported *5
Dimension (mm)
121.69(L) x 63.41(H)
Weight
80g
*1
These items can be set by software.
For the "Driver Library API-PAC(W32)" and the "Standard COM Driver Software
COM
Setup Disk" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*2
Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3
The table below lists an example of the relationship between baud rate and
communication distance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable:
28AWG, double shielded cable, twisted pairs used for each +/-
signal line.
*4
A single interrupt signal "INTA" is output as a collection of interrupt input signals from two
channels.
*5
This board requires power supply at +5 V from an expansion slot (it does not work on a
machine with a +3.3V power supply alone).
Board Dimensions
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.
121.69(L)
Standard COM Driver Software COM Setup Disk (Bundled)
The purpose of this software is to allow the CONTEC serial
communication boards to be used under Windows or Linux in
the same way as the standard COM ports on the PC.
By
installing additional boards, you can use COM ports in the
range COM1 - COM256.
The boards can be used for all types of serial communications
such as for remote access service (RAS) and uninterruptible
power supply (UPS) applications.
Under Windows, the serial ports can be accessed using the
standard Win32 API communication routines (CreateFile( ),
WriteFile( ), ReadFile( ), and SetCommState( ), etc.)
The
serial ports are also compatible with the Visual Basic
communication control (MSComm).
Under Linux, the serial ports are compatible with the operating
system's standard tty driver.
The standard routines including
open( ), close( ), read( ), write( ) are supported.
< Operating environment >
OS
Windows Vista, XP, Server 2003, 2000,
NT, Me, 98, Linux etc..
CAUTION
The maximum number of COM ports able to be used
depends on the configuration of your OS.
Driver library API-PAC(W32)
(Available for downloading
(free of charge) from the CONTEC web site.)
API-PAC(W32) is the library software that provides the
commands for CONTEC hardware products in the form of
Windows standard Win32 API functions (DLL).
It makes it
easy
to
create
high-speed
application
software
taking
advantage
of
the
CONTEC
hardware
using
various
programming languages that support Win32 API functions,
such as Visual Basic and Visual C/C++.
It can also be used by the installed diagnosis program to check
hardware operations.
CONTEC
provides
download
services
(at
http://www.contec.com/apipac/) to supply the updated drivers
and differential files.
For details, visit the CONTEC’s Web site.
< Operating environment >
OS
Windows Vista, XP, Server 2003, 2000,
Me, 98 etc..
Adaptation language Visual C/C++, Visual Basic, Delphi,
Builder, etc..
Others
Each piece of library software requires
50 megabytes of free hard disk space.
CAUTION
This library provides local routines that are specific to
CONTEC (SioOpen( ), SioWrite( ), SioRead( ), SioStatus( ),
etc.).
These are not compatible with the standard Win32
API communication routines (CreateFile( ) and WriteFile( ),
etc.).
Cable (Option)
Connection Conversion Cable
for Serial I/O (44M
→9M x 2, 250mm)
: PCE44/9P2S
Connector (Option)
D-SUB9P Male Connector Set (5 Pieces)
: CN5-D9M
D-SUB9P Female Connector Set (5 Pieces) : CN5-D9F
D-SUB44P Male Connector Set (5 Pieces)
: CN5-D44M
*
Check the CONTEC’s Web site for more information on these options.
Cable & Connector
Support Software
Specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com