Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT232
Description  TTL to USB Serial Converter Range of Cables
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT232 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Copyright © Future Technology Devices International Limited
1
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.03
Clearance No.: FTDI# 53
1 Description
The TTL-232R cables are a family of USB to TTL serial UART converter cables incorporating FTDI’s
FT232RQ USB to Serial UART interface IC device which handles all the USB signalling and protocols. The
cables provide a fast, simple way to connect devices with a TTL level serial interface to USB.
Each TTL-232R cable contains a small internal electronic circuit board, utilising the FT232R, which is
encapsulated into the USB connector end of the cable. The FT232R datasheet, DS_FT232R, is available at
http://www.ftdichip.com. The other end of the cable comes with a selection of different connectors
supporting various applications – see Table 1.1
Cables are FCC, CE, RoHS compliant and are available at TTL levels of +5V and +3.3V.
Cables are available with either a 6-way SIL,0.1” pitch connector, a 3.5mm Audio Jack, an 8 way, keyed
2mm pitch connector (intended for use with VMUSIC2 or VDRIVE2) or bare, tinned wire ended
connections (see Table 1.1)
The USB side of the cable is USB powered and USB 2.0 full speed compatible. Each cable is 1.8m long
and supports a data transfer rate up to 3 Mbaud. Each cable supports the FTDIChip-ID™, with a unique
USB serial number programmed into the FT232R. This feature can be used to create a security or
password protected file transfer access using the cable. Further information and examples on this feature
are available at http://www.ftdichip.com under FTDIChip-ID Projects.
The TTL-232R cables require USB drivers, available free from http://www.ftdichip.com, which are
used to make the FT232R in the cable appear as a virtual COM port (VCP). This then allows the user to
communicate with the USB interface via a standard PC serial emulation port (for example TTY). Another
FTDI USB driver, the D2XX driver, can also be used with application software to directly access the
FT232R on the cable though a DLL. This is illustrated in the Figure 1.1
TTY
USB
TTL-232R
Virtual COM Port
Software application access to USB via D2XX
USB
TTY
Wire Ended
3mm Audio Jack
6 way, 0.1" Single In Line connector
8 way, Keyed,2mm, Single In Line
connector
Various Connector
Options
Wire Ended
3mm Audio Jack
6 way, 0.1" Single In Line connector
Various Connector
Options
8 way, Keyed,2mm, Single In Line
connector
Figure 1.1 Using the TTL-232R Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com