Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232 Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT232
Description  TTL to USB Serial Converter Range of Cables
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232 Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT232 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Copyright © Future Technology Devices International Limited
19
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.03
Clearance No.: FTDI# 53
7.2 TTL-232R-3V3-2mm Cable Signal Descriptions
Header Pin
Number
Name
Type
Colour
Description
1
RI#
Output
Blue
Ring Indicator Control Input. When remote wake up is
enabled taking RI# low (20ms active low pulse) can be
used to resume the VMUSIC2 or VDRIVE2 host controller
from suspend. Connected to TXD.
2
KEY
KEY
KEY
This connection is keyed to connect to the VRDIVE2 or the
VMUSIC2 modules
3
RTS#
Output
Green
Request To Send Control Output / Handshake signal.
4
RXD
Input
Yellow
Receive Asynchronous Data input.
5
TXD
Output
Orange
Transmit Asynchronous Data output.
6
VCC
Output
Red
+5V output,
7
CTS#
Input
Brown
Clear to Send Control input / Handshake signal.
8
GND
GND
Black
Device ground supply pin.
Table 7.1 TTL-232R-3V3-2mm Cable Signal Descriptions
7.3 TTL-232R-3V3-2mm Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Output Power Voltage
4.25
5.0
5.25
V
Dependant on the USB port
that the TTL-232R-3V3-2mm
is connected to
IO
Output Power Current
-
75
mA
Must be less that 2.5mA
during suspend.
T
Operating Temperature
Range
-40
+85
oC
Table 7.2 TTL-232R-3V3-2mm I/O Operating Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.2
2.8
3.2
V
I source = 3mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 8mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
VHys
Input Switching Hysteresis
20
25
30
mV
Table 7.3 TTL-232R-3V3-2mm I/O Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com