Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # FT232
Description  TTL to USB Serial Converter Range of Cables
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  FT232 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Copyright © Future Technology Devices International Limited
2
Document Reference No.: FT_000054
TTL-232R TTL TO USB SERIAL CONVERTER RANGE OF CABLES Datasheet Version 2.03
Clearance No.: FTDI# 53
1.1 Available Cables and Part Numbers
The following Table 1.1 gives details of the available TTL-232R cables.
Part Number
Description
End Connector*
Cable details
TTL-232R-5V**
USB to UART cable with +5V TTL level
UART signals.
6 pin SIL, 0.1” pitch
6 core, UL2464
24 AWG,
diam=5mm
TTL-232R-3V3
USB to UART cable with +3.3V TTL level
UART signals.
6 pin SIL, 0.1” pitch
6 core, UL2464
24 AWG,
diam=5mm
TTL-232R-5V-
WE**
USB to UART cable with +5V TTL level
UART signals.
Wire Ended (no
connector)
6 core, UL2464
24 AWG,
diam=5mm
TTL-232R-3V3-
WE
USB to UART cable with +3.3V TTL level
UART signals.
Wire Ended (no
connector)
6 core, UL2464
24 AWG,
diam=5mm
TTL-232R-5V-
AJ**
USB to UART cable with +5V TTL level
UART signals.
3.5mm Audio Jack
2 core and spiral,
24 AWG
diam=5mm
TTL-232R-3V3-
AJ
USB to UART cable with +3.3V TTL level
UART signals.
3.5mm Audio Jack
2 core and spiral,
24 AWG
diam=5mm
TTL-232R-3V3-
2mm
USB to UART cable with +3.3V TTL level
UART signals.
8 way, keyed, 2mm
connector for use
with FTDI VDRIVE2
or VMUSIC2 modules
7 core, UL2464
26 AWG,
diam=5mm
Table 1.1 TTL-232R Cables Descriptions and Part Numbers
* FTDI supports customised end connector designs. For more information, please contact FTDI Sales Team
(sales1@ftdichip.com)
** These cables are identical to cables which do not have the “5V” in the part number. The 5V was added to the part
number for clarity
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com