Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF80N06 Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF80N06
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF80N06 Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF80N06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
N-Ch MOSFET
WSF80N06
Page 4
www.winsok.tw
Dec.2014
Q G , Total Gate Charge (nC)
Fig 7. Gate Charge Characteristics
V DS , Drain-to-Source Voltage (V)
Fig 8. Typical Capacitance Characteristics
V DS , Drain-to-Source Voltage (V)
Fig 9. Maximum Safe Operating Area
t , Pulse Width (s)
Fig 10. Effective Transient Thermal Impedance
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
Q
VG
4.5V
QGS
QGD
QG
Charge
0
1000
2000
3000
4000
1
21
41
61
81
f=1.0MHz
C iss
C oss
C rss
0
1
2
3
4
5
6
0
10
20
30
40
50
60
I D = 30 A
V DS =48V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
1000
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0
20
40
60
80
100
0
2
4
6
8
T j =150
o C
T j =25
o C
V DS =5V
Operation in this area
limited by RDS(ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com