Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF80N06 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF80N06
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF80N06 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF80N06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
80
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
43
A
IDM
Pulsed Drain Current
270
A
PD@TC=25℃
Total Power Dissipation
104
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
---
62.5
℃
/W
RθJC
Thermal Resistance Junction-Case
---
1.2
℃
/W
BVDSS
RDSON
ID
60V
7.2mΩ
80A
General Description
Applications
Consumer electronic power supply Motor
control
Synchronous-rectification Isolated DC
Synchronous-rectification applications
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Thermal Data
TO-252 Pin Configuration
Product Summery
WSF80N06 use advanced VD MOST
technology to provide low RDS(ON), low gate
charge, fast switching This device is
specially designed to get better ruggedness
and suitable to use in
Low RDS(on) & FOM
Extremely low switching loss
Excellent stability and uniformity or Invertors
N-Ch MOSFET
WSF80N06
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WSF80N06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF80N06H WIINSOK-WSF80N06H Datasheet
1Mb / 5P
Load switch. Battery protection.
More results

Similar Description - WSF80N06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com