Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF80N06 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF80N06
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF80N06 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF80N06 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF80N06 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
60
---
---
V
RDS(ON) Static Drain-Source On-Resistance
VGS=10V , ID=45A
---
mΩ
VGS=10V , ID=30A
---
VGS(th) Gate Threshold Voltage
VGS=VDS , ID =250uA
1
1.5
3
V
IDSS
Drain-Source Leakage Current
VDS=60V , VGS=0V , TJ=25℃
---
---
10
uA
VDS=48V , VGS=0V , TJ=125℃
---
---
250
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
Qg
Total Gate Charge
---
33
45
nC
Qgs
Gate-Source Charge
---
5
---
Qgd
Gate-Drain Charge
---
21
---
Td(on)
Turn-On Delay Time
---
10
ns
Tr
TRise ime
---
43
Td(off)
Turn-Off Delay Time
---
47
Tf
TFall ime
---
80
Ciss
Input Capacitance
---
3230
pF
Coss
Output Capacitance
---
260
---
Crss
Reverse Transfer Capacitance
---
180
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSD
Diode Forward Voltage
VGS=0V , IS=45A , TJ=25℃
---
---
1.3
V
trr
Reverse Recovery Time
---
30
---
nS
Qrr
Reverse Recovery Charge
---
nC
18
---
Diode Characteristics
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
7.2
12
8.3
15
Page 2
www.winsok.tw
Dec.2014
IF=10A ,dI/dt=100A/µs,TJ=25℃
---
---
---
---
ID=30A
VDS=48V
VGS=4.5V
VDS=30V
ID=30A
RG=3.3Ω
VGS=10V
VGS=0V
VDS=25V
f=1.0MHz
N-Ch MOSFET
WSF80N06
--



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com