Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF4022 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4022
Description  Dual N-Ch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4022 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF4022 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Typical Characteristics
Power Dissipation
Tj - Junction Temperature (°C)
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
0
20 40 60 80 100 120 140 160 180
0
7
14
21
28
35
42
T
C=25
oC
0
20 40 60 80 100 120 140 160 180
0
4
8
12
16
20
24
T
C=25
oC,V
G=10V
0.01
0.1
1
10
100 300
0.1
1
10
100
300
10ms
100ms
1ms
DC
T
C=25
oC
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1E-4
1E-3
0.01
0.1
1
3
R
qJC :3.8
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
WSF4022
Dual N-Ch MOSFET
Page 3
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com