Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF4022 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4022
Description  Dual N-Ch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4022 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF4022 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameter
Min. Typ. Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
40
V
IDSS
Zero Gate Voltage Drain Current
1
µA
IDSS
Zero Gate Voltage Drain Current
30
µA
IGSS
Gate Leakage Current
±100
nA
VGS(th)
Gate Threshold Voltage
1.1
1.6
2.5
V
16
21
mΩ
18
25
mΩ
Qg
Total Gate Charge
7.5
nC
Qgs
Gate-Source Charge
3.24
nC
Qgd
Gate-Drain Charge
2.75
nC
Ciss
Input Capacitance
815
pF
Coss
Output Capacitance
95
pF
Crss
Reverse Transfer Capacitance
60
pF
td (on)
Turn-on Delay Time
7.8
ns
tr
Turn-on Rise Time
6.9
ns
td(off)
Turn-off Delay Time
22.4
ns
tf
Turn-off Fall Time
4.8
ns
VSD
d
Diode Forward Voltage
0.75
1.1
V
trr
Input Capacitance
13
ns
Qrr
Output Capacitance
8.7
nC
Diode
IDS=10A, dlSD/dt=100A/µs
ISD=1A, VGS=0V
VDS = 32V, VGS = 0V
VGS = ±20V, VDS = 0V
VGS = VDS, IDS = 250µA
VGS = 10V, ID = 10A
VGS = 4.5V, ID = 5A
VDS = 32V, VGS = 0V, TJ=85°C
VGS=0V, VDS=20V, f=1MHz
Note d:Pulse test ; pulse width≤300µs, duty cycle≤2%.  
Note e:Guaranteed by design, not subject to production testing.
Gate Charge
e
Dynamic
e
VDS=20V,VGS=4.5V, ID=10A
VDD=20V, VGEN=10V,
IDS=1A,RG=6Ω,RL=20Ω.
RDS(on)
d
Drain-Source On-state Resistance
Electrical Characteristics
@TA=25℃ unless otherwise noted
Static
Conditions
VGS = 0V, ID = 250μA
WSF4022
Dual N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com