Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF4022 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4022
Description  Dual N-Ch MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4022 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF4022 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4022 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For Fan Pre-driver H-Bridge.
Symbol
Units
VDS
V
VGS
V
ID
A
ID
A
ID
A
ID
A
IDM
a
A
EAS
b
mJ
IAS
b
A
PD
W
PD
W
PD
W
PD
W
TJ
℃
TSTG
℃
RθJA
b
℃/W
RθJC
℃/W
TO-252-4L Pin Configuration
Product Summery
BVDSS
40V
Applications
Motor Control.
Synchronous Rectification.
Note c:Surface Mounted on 1in2 pad area, t =999sec.
Note b:UIS tested and pulse width limited by maximum junction temperature 175℃(initial temperature Tj=25℃).
Note a:Pulse width limited by max. junction temperature.
Note *:Limited by package.
Absolute Maximum Ratings
@TA=25℃ unless otherwise noted
Single Pulse Avalanche Energy
Operating Junction Temperature Range
Operating Temperature/ Storage Temperature
Thermal Resistance Junction-Ambient
Pulsed Drain Current
TA=25°C
12.2
Drain Current (Continuous) *AC
TA=70°C
10.2
Power Dissipation
Power Dissipation
Maximum Power Dissipation
Maximum Power Dissipation
Avalanche Current
Drain Current (Continuous) *AC
Drain Current (Continuous) *AC
TC=100°C
19.7
Steady State
c
TA=25°C
6.4
TA=70°C
4.2
Drain Current (Continuous) *AC
TC=25°C
L=0.5mH
TC=25°C
L=0.5mH
60
175
RDSON
21mΩ
Rating
40
20*
±20
Thermal Resistance Junction to Case
3.8
-55~175
39.4
17.8
25
20*
80*
Gate-Source Voltage
TC=25°C
TC=100°C
Green Device Available
Parameter
Drain-Source Voltage
Features
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
The WSF4022 meet the RoHS and Green Product
requirement 100% EAS guaranteed with full function
reliability approved.
General Description
The WSF4022 is the highest performance trench
Dual N-Ch MOSFET with extreme high cell
density,which provide excellent RDSON and gate
charge for most of the synchronous buck converter
applications .
ID
20A
WSF4022
Dual N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WSF4022

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
N-Ch and P-Channel MOSFET
WSF4042 WIINSOK-WSF4042 Datasheet
2Mb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for MB/NB/UMPC/VGA
WSF4060 WIINSOK-WSF4060 Datasheet
1Mb / 7P
N-Ch MOSFET
WSF40N06 WIINSOK-WSF40N06 Datasheet
842Kb / 5P
P-Ch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
WSF40N06 DOINGTER-WSF40N06 Datasheet
887Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSF4022

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
Dual N-Ch MOSFET
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com