Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R500S Datasheet(PDF) 6 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 6 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 2Page - u-blox AG SARA-R500S Datasheet HTML 3Page - u-blox AG SARA-R500S Datasheet HTML 4Page - u-blox AG SARA-R500S Datasheet HTML 5Page - u-blox AG SARA-R500S Datasheet HTML 6Page - u-blox AG SARA-R500S Datasheet HTML 7Page - u-blox AG SARA-R500S Datasheet HTML 8Page - u-blox AG SARA-R500S Datasheet HTML 9Page - u-blox AG SARA-R500S Datasheet HTML 10Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Functional description
Page 6 of 43
C1-Public
1.2 Product features
Model
Region
RAT
Positioning
Interfaces
Features
Grade
SARA-R500S
Multi
Region
M1
NB2
*
● ● ●
● ● ○
○ ●
● ○
● ● ● ●
● ● ● ● ● ●
● ● ● ● ●
●
SARA-R510S
Multi
Region
M1
NB2
*
● ● ●
● ● ○
○ ●
● ○
● ● ● ● ●
● ● ● ● ● ●
● ● ● ● ●
●
SARA-R510M8S
Multi
Region
M1
NB2
*
●
● ●
● ● ○
○ ●
● ○
● ● ● ●
● ● ● ● ● ●
● ● ● ● ●
●
* = LTE Bands 1, 2, 3, 4, 5, 8, 12, 13, 18, 19, 20, 26, 28 in M1 and NB2, LTE bands 25 in M1-only, and LTE bands 66, 71, 85 in NB2-only
●
= supported by all FW versions
○
= supported by future FW versions
Table 1: SARA-R5 series main features summary
☞ The “00” products version of the SARA-R5 series modules do not support LTE NB-IoT.
1.3 Block diagram
V_INT (I/O)
VCC (supply)
ANT_DET
ANT
Flash memory
SIM
I2S
GPIOs
Reset
Power-on
UART
USB
DDC (I2C)
PA
UBX-R5
Cellular chipset
Base Band
processor
Power
Management
Unit
RF transceiver
Filter
Filter
Switch
SPI
SDIO
Secure element
(eSIM)
32 kHz
26 MHz
TCXO
Figure 1: SARA-R500S block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com