Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R500S Datasheet(PDF) 20 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 20 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 16Page - u-blox AG SARA-R500S Datasheet HTML 17Page - u-blox AG SARA-R500S Datasheet HTML 18Page - u-blox AG SARA-R500S Datasheet HTML 19Page - u-blox AG SARA-R500S Datasheet HTML 20Page - u-blox AG SARA-R500S Datasheet HTML 21Page - u-blox AG SARA-R500S Datasheet HTML 22Page - u-blox AG SARA-R500S Datasheet HTML 23Page - u-blox AG SARA-R500S Datasheet HTML 24Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Pin definition
Page 20 of 43
C1-Public
No
Name
Power
domain
I/O
Description
Remarks
1
GND
-
N/A
Ground
All the GND pins must be connected to ground.
2
RSVD
-
N/A
Reserved pin
Leave unconnected.
3
GND
-
N/A
Ground
All the GND pins must be connected to ground.
4
V_INT
-
O
Generic Digital
Interfaces supply output
V_INT generated by the module when is switched on.
See section 2.1.2 for functional description.
See section 4.2.2 for detailed electrical specs.
Provide test point for diagnostic purposes.
5
GND
-
N/A
Ground
All the GND pins must be connected to ground.
6
DSR
GDI
O
UART data set ready /
AUX UART request to
send
Circuit 107 (DSR) in ITU-T V.24, alternatively configurable
as Second Auxiliary UART RTS (with internal active
pull-up enabled).
See section 2.5.1 and 2.5.3 for functional description.
See section 4.2.9 for detailed electrical specs.
7
RI
GDI
O
UART ring indicator /
AUX UART clear to send
Circuit 125 (RI) in ITU-T V.24, alternatively configurable
as Second Auxiliary UART CTS.
See section 2.5.1 and 2.5.3 for functional description.
See section 4.2.9 for detailed electrical specs.
8
DCD
GDI
O
UART data carrier
detect /
AUX UART data output
Circuit 109 (DCD) in ITU-T V.24, alternatively settable as
Second Auxiliary UART RXD.
See section 2.5.1 and 2.5.3 for functional description.
See section 4.2.9 for detailed electrical specs.
9
DTR
GDI
I
UART data terminal
ready /
AUX UART data input
Circuit 108/2 (DTR) in ITU-T V. 24, alternatively settable
as Second Auxiliary UART TXD (with internal active
pull-up enabled).
Internal active pull-up enabled.
See section 2.5.1 and 2.5.3 for functional description.
See section 4.2.9 for detailed electrical specs.
10
RTS
GDI
I
UART request to send
Circuit 105 (RTS) in ITU-T V.24.
Internal active pull-up enabled.
See section 2.5.1 for functional description.
See section 4.2.9 for detailed electrical specs.
11
CTS
GDI
O
UART clear to send
Circuit 106 (CTS) in ITU-T V.24.
See section 2.5.1 for functional description.
See section 4.2.9 for detailed electrical specs.
12
TXD
GDI
I
UART data input
Circuit 103 (TxD) in ITU-T V.24.
Internal active pull-up enabled.
See section 2.5.1 for functional description.
See section 4.2.9 for detailed electrical specs.
Provide test point for FW update purposes.
13
RXD
GDI
O
UART data output
Circuit 104 (RxD) in ITU-T V.24.
See section 2.5.1 for functional description.
See section 4.2.9 for detailed electrical specs.
Provide test point for FW update purposes.
14
GND
-
N/A
Ground
All the GND pins must be connected to ground.
15
PWR_ON
POS
I
Power-on /
power-off input
Internal active pull-up.
See section 2.3.1 and 2.3.2 for functional description.
See section 4.2.6 for detailed electrical specs.
Provide test point for diagnostic purposes.
16
GPIO1
GDI
I/O
GPIO
Configurable GPIO.
See section 2.7 for functional description.
See section 4.2.9 for detailed electrical specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com