Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R500S Datasheet(PDF) 11 Page - u-blox AG

Part # SARA-R500S
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R500S Datasheet(HTML) 11 Page - u-blox AG

Back Button SARA-R500S Datasheet HTML 7Page - u-blox AG SARA-R500S Datasheet HTML 8Page - u-blox AG SARA-R500S Datasheet HTML 9Page - u-blox AG SARA-R500S Datasheet HTML 10Page - u-blox AG SARA-R500S Datasheet HTML 11Page - u-blox AG SARA-R500S Datasheet HTML 12Page - u-blox AG SARA-R500S Datasheet HTML 13Page - u-blox AG SARA-R500S Datasheet HTML 14Page - u-blox AG SARA-R500S Datasheet HTML 15Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Functional description
Page 11 of 43
C1-Public
Feature
Description
Antenna detection
The ANT_DET pin provides antenna presence detection capability, evaluating the resistance
from the ANT pin to GND by means of an external antenna detection circuit implemented on the
application board. The antenna supervisor (i.e. antenna detection) feature can be enabled
through the +UANTR AT command.
BIP
Bearer Independent Protocol for over-the-air SIM provisioning.
Dual stack IPv4/Ipv6
Capability to move between Ipv4 and dual stack network infrastructures.
Ipv4 and Ipv6 addresses can be used.
Firmware update Over AT
commands (FOAT)
Firmware module update over AT command interface.
The feature can be enabled and configured through the +UFWUPD AT command.
u-blox Firmware update
Over The Air (uFOTA)
u-blox firmware module update over the LTE air interface client/server solution using LwM2M.
Power Saving Mode (PSM) The Power Saving Mode (PSM) feature, defined in 3GPP Rel.13, allows further reduction of the
module current consumption maximizing the amount of time a device can remain in PSM low
power deep-sleep mode during periods of data inactivity. It can be activated and configured by
the +CPSMS AT command.
eDRX
Extended mode DRX, based on 3GPP Rel.13, reduces the amount of signaling overhead
decreasing the frequency of scheduled measurements and/or transmissions performed by the
module in idle mode. This in turn leads to a reduction in the module power consumption while
maintaining a perpetual connection with the base station.
Coverage Enhancement
(mode A and mode B)
Coverage Enhancement modes introduced in 3GPP Rel.13 are used to improve the cell signal
penetration.
LTE-M and NB-IoT 3GPP
release 14 features
For LTE-M: Larger max UL TBS (2984 bits instead of 1000 bits), Enhanced PUCCH repetition in
CE mode B (64 and 128 repetition factor)
For NB-IoT: Cat-NB2 higher data rate (with 2536 bit TBS), Release assistance indication, Power
class 6 (maximum transmit power of 14 dBm) configurable by dedicated AT command, RRC
connection re-establishment for the control plane CIoT EPS optimization, 2 UL/DL HARQ
processes, Non-anchor paging and RACH, E-CID positioning
Table 3: Some of the main features supported by SARA-R5 series modules
The “00” products version of the SARA-R5 series modules do not support LTE NB-IoT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com