Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99448 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99448 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM2I99448 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
May 2005
ASM2I99448
rev 0.3
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
3 of 15
Notice: The information in this document is subject to change without notice.
Table 2. PIN CONFIGURATION
Pin#
Pin Name
I/O
Type
Function
4,3
PCLK, PCLK
Input
LVPECL
LVPECL Clock Inputs
2
CCLK
Input
LVCMOS
Alternative clock signal input
1
CLK_SEL
Input
LVCMOS
Clock input select
5
CLK_STOP
Input
LVCMOS
Clock output enable/disable
6
OE
Input
LVCMOS
Output enable/disable
(high–impedance tristate)
31,29,27,25,23,21,19,17,15,13,11,9
Q0 – Q11
Output
LVCMOS
Clock output
8,12,16,20,24,28,32
GND
Supply
Ground
Negative power supply (GND) for
I/O and core.
7,10,14,18,22,26,30
VCC
Supply
VCC
Positive power supply for I/O and
core. All VCC pins must be
connected to the positive power
supply for correct operation
Table 3. ABSOLUTE MAXIMUM RATINGS
1
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC + 0.3
V
VOUT
DC Output Voltage
–0.3
VCC + 0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TStor
Storage Temperature Range
–65
125
°C
Note: 1. These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com