Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99448 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99448 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM2I99448 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
May 2005
ASM2I99448
rev 0.3
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
7 of 15
Notice: The information in this document is subject to change without notice.
APPLICATIONS INFORMATION
Timing Diagram
Figure 1. Output Clock Stop (CLK_STOP)
Driving Transmission Lines
The ASM2I99448 clock driver was designed to drive high
speed signals in a terminated transmission line
environment. To provide the optimum flexibility to the
user, the output drivers were designed to exhibit the
lowest impedance possible. With an output impedance of
17Ω (VCC=3.3V), the outputs can drive either parallel or
series terminated transmission lines. In most high
performance clock networks, point–to–point distribution of
signals is the method of choice. In a point–to–point
scheme, either series terminated or parallel terminated
transmission lines can be used. The parallel technique
terminates the signal at the end of the line with a 50Ω
resistance to VCC÷2.
Figure 2. Single versus Dual Transmission
Lines
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the ASM2I99448 clock driver. For the series
terminated case, however, there is no DC current draw;
thus, the outputs can drive multiple series terminated
lines. Figure 2 “Single versus Dual Transmission Lines”
illustrates an output driving a single series terminated line
versus two series terminated lines in parallel. When taken
to its extreme, the fanout of the ASM2I99448 clock driver
is effectively doubled due to its capability to drive multiple
lines at VCC=3.3V.
The waveform plots in Figure 3 “Single versus Dual Line
Termination Waveforms” show the simulation results of
an output driving a single line versus two lines. In both
Figure 3 . Single versus Dual Line Termination
Waveforms
cases, the drive capability of the ASM2I99448 output
buffer is more than sufficient to drive 50Ω transmission
lines on the incident edge. Note from the delay
measurements in the simulations a delta of only 43pS
exists between the two differently loaded outputs. This
suggests that the dual line driving need not be used
exclusively to maintain the tight output–to–output skew of
the ASM2I99448. The output waveform in Figure 3
“Single versus Dual Line Termination Waveforms” shows
a step in the waveform; this step is caused by the
impedance mismatch seen looking into the driver. The
parallel combination of the 33Ω series resistor plus the
output
impedance
does
not
match
the
parallel
combination of the line impedances. The voltage wave
launched down the two lines will equal:
VL = VS ( Z0 ÷ (RS+R0 +Z0))
Z0 = 50Ω|| 50Ω
RS = 33Ω|| 33Ω
R0 = 17Ω
VL = 3.0 ( 25 ÷ (16.5+17+25)
= 1.28V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.5V. It will then increment
towards the quiescent 3.0V in steps separated by one
round trip delay (in this case 4.0nS).
Since this step is well above the threshold region it will
not cause any false clock triggering; however, designers
may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving
ASM2I99448
OUTPUT BUFFER
17Ω
Z0=50Ω
RS=33Ω
ASM2I99448
OUTPUT BUFFER
17Ω
Z0=50Ω
RS=33Ω
Z0=50Ω
RS=33Ω
CCLK or
PCLK
CLK _ STOP
Q0 to Q11
3.0
2.5
2.0
1.5
1.0
0.5
0
24
6
8
10
12
14
TIME (nS)
In
OutA
tD = 3.8956
OutB
tD = 3.9386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com