Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I99448 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM2I99448
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I99448 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM2I99448 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I99448 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
May 2005
ASM2I99448
rev 0.3
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
6 of 15
Notice: The information in this document is subject to change without notice.
Table 8. AC CHARACTERISTICS (V
CC = 2.5V ± 5%, TA = –40°C to +85°C)
1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
350
MHz
fMAX
Maximum Output Frequency
0
350
MHz
VPP
Peak-to-peak input voltage
PCLK
400
1000
mV
LVPECL
VCMR
2
Common Mode Range
PCLK
1.2
VCC-0.8
V
LVPECL
tP, REF
Reference Input Pulse Width
1.4
nS
tr, tf
CCLK Input Rise/Fall Time
1.0
3
nS
0.8 to 2.0V
tPLH/HL
tPLH/HL
Propagation delay
PCLK to any Q
CCLK to any Q
1.5
1.7
4.2
4.4
nS
nS
tPLZ, HZ
Output Disable Time
11
nS
tPZL, LZ
Output Enable Time
11
nS
tS
Setup time
CCLK to CLK_STOP
PCLK to CLK_STOP
0.0
0.0
nS
nS
tH
Hold time
CCLK to CLK_STOP
PCLK to CLK_STOP
1.0
1.5
nS
nS
tsk(O)
Output-to-output Skew
150
pS
tsk(PP)
Device-to-device Skew
PCLK or CCLK to any Q
2.7
nS
tSK(p)
Output pulse skew
4
Using CCLK Using PCLK
200
300
pS
pS
DCQ
Output Duty Cycle
fQ< 350 MHz and using CLK
fQ<200 MHz and using PCLK
45
45
50
50
55
55
%
%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.6 to 1.8V
Note: 1. AC characteristics apply for parallel output termination of 50Ω to VTT.
2. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR
range and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts tPLH/HL and tSK(PP).
3. Violation of the 1.0nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference
input pulse width, output duty cycle and maximum frequency specifications.
4. Output pulse skew is the absolute difference of the propagation delay times: | tpLH - tpHL |.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com