Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2111B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3P2111B
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2111B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3P2111B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Peak Reducing EMI Solution
2 of 8
rev 0.1
May 2005
ASM3P2111B
Pin Configuration
Pin Description
Pin #
Pin Name
Type
Description
1
XIN / CLKIN
I
Connection to crystal
2
XOUT
O
Connection to crystal
3
VDD
P
Power supply for the analog and digital blocks (+3.3V)
4
60 MHz
O
Clock output-1 60 MHz un-modulated
5
48 MHz_2
O
Clock output-2 48 MHz_2 un-modulated
6
48 MHz_1
O
Clock output-3 48 MHz_1 un-modulated
7
66.6 MHz
O
Clock output-4 66.6 MHz modulated
8
VSS
P
Ground to entire chip. Connect to System Ground
60 MHz
VSS
XOUT
XIN/ CLKIN
VDD
8
7
6
5
1
2
3
4
ASM3P2111B
48 MHz_2
48 MHz_1
66.6 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com