Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2111B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2111B
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2111B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2111B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara CA • Tel: 408-855-4900 • Fax: 408-855-4999 • www.alsc.com
rev 0.1
May 2005
ASM3P2111B
Peak EMI Reducing Solution
Features
Generates an EMI optimized clock at the output.
Input frequency: 25 MHz.
Frequency outputs:
o
60 MHz (unmodulated)
o
2 x 48 MHz (unmodulated)
o
66.6 MHz (modulated): -1.7% down spread
Modulation rate: 30 KHz.
Supply voltage range: 3.3V ± 0.3V.
Available in 8-pin SOIC Package.
Commercial and Industrial Temperature range.
RoHS Compliant
Product Description
The ASM3P2111B is a versatile spread spectrum
frequency
modulator
that
reduces
electromagnetic
interference (EMI) at the clock source. The ASM3P2111B
allows significant system cost savings by reducing the
number of circuit board layers and shielding that are
required to pass EMI regulations. The ASM3P2111B
modulates the output of PLL in order to spread the
bandwidth of a synthesized clock, thereby decreasing the
peak amplitudes of its harmonics. This results in
significantly lower system EMI compared to the typical
narrow band signal produced by oscillators and most
clock generators. Lowering EMI by increasing a signal’s
bandwidth is called spread spectrum clock generation.
Applications
ASM3P2111B is targeted towards EMI management for
high speed digital applications such as PC peripheral
devices, consumer electronics and embedded controller
systems.
Block Diagram
VDD
Crystal
Oscillator
66.6 MHz
Modulated
XIN /CLKIN
XOUT
VSS
48 MHz_2
60 MHz
48 MHz_1
PLL1
PLL2
48 MHz_1


Similar Part No. - ASM3P2111B

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2111B PULSECORE-ASM3P2111B Datasheet
178Kb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2111B ONSEMI-ASM3P2111B Datasheet
132Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2111BF-08SR PULSECORE-ASM3P2111BF-08SR Datasheet
178Kb / 8P
Peak EMI Reducing Solution
ASM3P2111BF-08ST PULSECORE-ASM3P2111BF-08ST Datasheet
178Kb / 8P
Peak EMI Reducing Solution
ASM3P2111BG-08SR PULSECORE-ASM3P2111BG-08SR Datasheet
178Kb / 8P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2111B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com