Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2111B Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2111B
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2111B Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2111B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2111B Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Peak Reducing EMI Solution
4 of 8
rev 0.1
May 2005
ASM3P2111B
DC Electrical Characteristics
AC Electrical Characteristics
Parameter
Symbol
Conditions/ Description
Min
Typ
Max
Unit
Rise Time
tr
VO = 0.8V to 2.0V;
CL = 15pF
300
800
900
pS
Fall Time
tf
VO = 2.0V to 0.8V;
CL = 15pF
360
800
900
pS
Clock Duty
Cycle
Ratio of pulse width (as measured from
rising edge to next falling edge at VDD /2) to
one clock period
45
-
55
%
* CL = 15 pF, Input clock frequency = 25 MHz
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Overall
Supply Current,
Dynamic
IDD
VDD=3.3V, FCLK =25MHz, CL=15pF
41
48
62
mA
Supply Current,
Static
IDDL
VDD = 3.3V, Clock Input = 0
20
25
35
mA
All input pins
High-Level Input
Voltage
VIH
VDD=3.3V
2.0
-
VDD+0.3
V
Low-Level Input
Voltage
VIL
VDD=3.3V
VSS-0.3
-
0.8
V
High-Level Input
Current
IIH
-1
-
1
µ A
Low-Level Input
Current (pull-up)
IIL
-20
-36
-80
µ A
High-Level Output
Source Current
IxOH
VDD=V (XIN) = 3.3V, VO=0.4V
-
3
-
mA
Low-Level Output
Sink Current
IxOL
VDD=3.3V, V (XIN)=VO=2.5V
-
3
-
mA
Clock Outputs
High-Level Output
Source Current
IOH
VO=2.5V
-
-20
-
mA
Low-Level Output
Sink Current
IOL
VO=0.4V
-
23
-
mA
ZOH
VO=0.5VDD; output driving high
-
29
-
Output Impedance
ZOL
Vo=0.5VDD; output driving low
-
27
-
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com