Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2185B Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2185B
Description  EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2185B Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2185B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 2003
ASM3P2185B
rev 1.0
EMI Reduction IC
3 of 7
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Note: These are stress ratings only and functional operation is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT Output low current (@ 0.4V, VDD = 3.3V)
-
TBD
-
mA
IXOH
XOUT Output high current (@ 2.5V, VDD = 3.3V)
-
TBD
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
ICC
Dynamic supply current
Normal mode (3.3V and 10pF loading)
8.46
12
17.78
mA
IDD
Static supply current
Standby mode
0.6
mA
VDD
Operating voltage
2.7
3.3
3.7
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock out impedance
-
50
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com