Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2185B Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2185B
Description  EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2185B Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2185B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
September 2003
ASM3P2185B
rev 1.0
EMI Reduction IC
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN
Input frequency
25
-
50
MHz
ModOUT
Output frequency
25
-
50
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
1.2
1.32
1.4
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
0.9
1.0
ns
tJC
Jitter (cycle to cycle)
-
-
360
ps
TD
Output duty cycle
45
50
55
%
tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com