Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2185B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2185B
Description  EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2185B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2185B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2185B Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2003
ASM3P2185B
rev 1.0
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB EMI reduction.
Generates a 1X low EMI spread spectrum clock of
the input frequency.
Input frequency range: 25MHz to 50 MHz.
Internal loop filter minimizes external components
and board space.
Down Spread and Center Spread.
2 spread frequency deviation selections: -1.25%
and ± 0.8%.
Low inherent cycle-to-cycle jitter.
3.3V operating voltage range.
TTL or CMOS compatible inputs and outputs.
Low power CMOS design.
Supports notebook VGA and other LCD timing
controller applications.
Products are available for industrial temperature
range.
Available in 8-pin SOIC and TSSOP.
Product Description
The ASM3P2185B is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of input clock frequencies from 25MHz to 50MHz.
The ASM3P2185B can generate an EMI reduced clock
from an OSC or a system generated clock.
The ASM3P2185B reduces electromagnetic interference
(EMI) at the clock source, allowing system wide EMI
reduction for all the down stream clocks and data
dependent signals. The ASM3P2185B allows significant
system cost savings by reducing the number of circuit
board layers, ferrite beads, shielding, and other passive
components that are traditionally required to pass EMI
regulations.
The ASM3P2185B uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all digital method.
The ASM3P2185B modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2185B is targeted towards EMI management
for memory and LVDS interfaces in mobile graphic
chipsets and high-speed digital applications such as PC
peripheral devices, consumer electronics, and embedded
controller systems.
Block Diagram
VSS
XIN
Crystal
Oscillator
Frequenc
y
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SS%
XOUT


Similar Part No. - ASM3P2185B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
More results

Similar Description - ASM3P2185B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
EMI Reduction IC
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
EMI Reduction IC
P2041A ALSC-P2041A Datasheet
285Kb / 9P
Versatile EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
EMI Reduction IC
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
Versatile EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2041A ONSEMI-P2041A Datasheet
112Kb / 7P
Versatile EMI Reduction IC
August, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com